Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS3B-LS116D Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS3B-LS116D
Description  Read head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3B-LS116D Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS3B-LS116D Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3B-LS116D Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
WCS3B-LS116D
Model number
WCS3B-LS116D
Reading head, RS-485 interface,
without RS-485 termination resistor
Features
• RS-485 interface
• Non-contact, absolute position
encoder
• Automatic detection of dirt
accumulation
• Integrated display module
Accessories
WCS3B-PL2
Transparent protective case and seal for
WCS3B reader
WCS-MP1
Mounting plate for reading heads WCS2
and WCS3
Note
with RS-485 interface
Dimensions
Mounting plate
Technical data
General specifications
Passage speed
v
≤ 12.5 m/s
Measuring range
max. 314.5 m
Free tolerances to code rail
horizontal: 31 mm ( ± 15.5 mm )
vertical: 28 mm ( ± 14 mm )
Resolution
± 0.4 mm (1,250 positions/m)
90
128
115
29
57
31
M12 x 1
3
B
12.5
40
40
105
3
6
9.5
ø 4.5
3
6
9.5
ø 8
velocity output *)
Iout = max. 150 mA
*) only with option S, velocity output
WCS3B-LS
UB 10 ... 30 V
GND
RS485+
1
2
4
3
5
RS485-
1
3
4
5
2
5 V
(interno)
S2
390Ω
220Ω
390Ω
WCS3B-LS2...
S2 = ON
WCS3B-LS1...
S2 = OFF
Read head


Similar Part No. - WCS3B-LS116D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS3B-LS111 PF-WCS3B-LS111 Datasheet
263Kb / 2P
Read head
More results

Similar Description - WCS3B-LS116D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS3R-LS246-Y211383 PF-WCS3R-LS246-Y211383 Datasheet
260Kb / 2P
Read head
IRH-12GM-V1 PF-IRH-12GM-V1 Datasheet
260Kb / 3P
Read head
WCS2B-LS257 PF-WCS2B-LS257 Datasheet
263Kb / 2P
Read head
WCS2B-LS266 PF-WCS2B-LS266 Datasheet
263Kb / 2P
Read head
WCS2B-LS311 PF-WCS2B-LS311 Datasheet
264Kb / 2P
Read head
WCS3B-LS221DS PF-WCS3B-LS221DS Datasheet
287Kb / 2P
Read head
WCS3B-LS410 PF-WCS3B-LS410 Datasheet
282Kb / 2P
Read head
WCS3B-LS610H PF-WCS3B-LS610H Datasheet
862Kb / 4P
Read head
WCS3B-LS310-Y244234 PF-WCS3B-LS310-Y244234 Datasheet
233Kb / 2P
Read head
WCS3B-LS266D PF-WCS3B-LS266D Datasheet
286Kb / 2P
Read head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com