Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS3B-LS116D Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # WCS3B-LS116D
Description  Read head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3B-LS116D Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  WCS3B-LS116D Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3B-LS116D Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WCS3B-LS116D
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
2
Functional safety related parameters
MTTFd
198 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green: power on
Data flow indicator
LED yellow: data communication active
Error indicator
LED red
flashing: read head outside of code rail
solid on: internal diagnostic test failed
Display
Display module, 6-digit adaptable to installation position
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Power consumption
P0
2 VA
Interface
Interface type
RS 485 interface
Data output code
binary code
Protocol
3
Transfer rate
187.5 kBit/s
Address
0
Termination
without RS 485 termination
Output
Output velocity
no
Standard conformity
Emitted interference
DIN EN 61000-6-4 , DIN EN 12015
Noise immunity
DIN EN 61000-6-2 , DIN EN 12016
Shock resistance
DIN EN 60068-2-27, half sine 30 g, 18 ms
Vibration resistance
DIN EN 60068-2-6, sine, 5 g, 10 - 2000 Hz, 10 cycles
Ambient conditions
Operating temperature
0 ... 60 °C (32 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
90 % , noncondensing
Mechanical specifications
Connection type
5-pin, M12 x 1 connector
Degree of protection
IP54
Material
Housing
ABS , PC (Polycarbonate)
Mass
500 g
General information
Ordering information
Mounting plate included with delivery



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com