Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7380 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD7381-4
Data Sheet
Rev. 0 | Page 20 of 31
INTERNAL/EXTERNAL REFERENCE
The AD7381-4 has a 2.5 V internal reference with a buffer.
Alternatively, if a more accurate reference or dynamic range is
required, an external can be supplied. An externally supplied
reference can be in the range of 2.5 V to 3.3 V.
Reference selection, internal or external, is configured by the
REFSEL bit in the Configuration 1 register. If REFSEL is set to
0, the internal reference buffer is enabled. If an external
reference is preferred, the REFSEL bit must be set to 1, and an
external reference must be supplied to the REFIO pin.
SOFTWARE RESET
The AD7381-4 has two reset modes: a soft reset and a hard
reset. A reset is initiated by writing to the reset bits in the
Configuration 2 register.
A soft reset maintains the contents of the configurable registers
but refreshes the interface and the ADC blocks. Any internal
state machines are reinitialized, and the oversampling block
and FIFO are flushed. The alert indication register is cleared.
The reference and LDO regulator remain powered.
A hard reset, in addition to the blocks reset by a soft reset,
resets all user registers to the default status, resets the reference
buffer, and resets the internal oscillator block.
CS
tRESET
SDI
SOFTWARE RESET
Figure 35. Software Reset Operation
DIAGNOSTIC SELF TEST
The AD7381-4 runs a diagnostic self test after a POR or after a
software hard reset to ensure the correct configuration is
loaded into the device.
The result of the self test is displayed in the SETUP_F bit in the
alert indication register. If the SETUP_F bit is set to Logic 1, the
diagnostic self test has failed. If the test fails, perform a software
hard reset to reset the AD7381-4 registers to the default status.
CS
SHUTDOWN
NORMAL
SDI
tSTARTUP
SHUTDOWN MODE
NORMAL MODE
ACCURATE CONVERSION
Figure 36. Shutdown Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com