Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7380 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
AD7381-4
Rev. 0 | Page 21 of 31
INTERFACE
The interface to the AD7381-4 is via a serial interface. The
interface consists of CS, SCLK, SDOA, SDOB, SDOC, and
SDOD, and SDI. When referencing a single function of a
multifunction pin, only the portion of the pin name that is relevant
to the specification is listed, such as SDOD. For full pin names of
multifunction pins, refer to the Pin Configuration and Function
Descriptions section.
The CS signal frames a serial data transfer and initiates an ADC
conversion process. The falling edge of CS puts the track-and-
hold into hold mode, at which point the analog input is
sampled and the bus is taken out of three-state. The ADC
conversion operation is driven internally by an on-board
oscillator and is independent of the SCLK signal.
The SCLK signal synchronizes data in and out of the device via
the SDOA, SDOB, SDOC, SDOD, and SDI signals. A minimum
of 14 SCLK cycles are required for a write to or read from a
register. The minimum numbers of SCLKs for a conversion
read is dependent on the resolution of the device and the
configuration settings (see Table 13).
The ADC conversion operation is driven internally by an
on-board oscillator and is independent of the SCLK signal.
The AD7381-4 has four serial output signals: SDOA, SDOB,
SDOC, and SDOD. Programming the SDO bits in the
Configuration 2 register configures 2-wire, 1-wire, or 4-wire
mode. To achieve the highest throughput of the device, it is
required to use either the 2-wire or 4-wire mode to read the
conversion results. If a reduced throughput is required or
oversampling is used, it is possible to use 1-wire mode, SDOA
signal only, for reading conversion results.
Configuring cyclic redundancy check (CRC) operation for SPI
reads, SPI writes, and oversampling mode with resolution boost
mode enabled can alter the operation of the interface. Refer to
the CRC section to ensure correct operation.
READING CONVERSION RESULTS
The CS signal initiates the conversion process. A high to low
transition on the CS signal initiates a simultaneous conversion
of the four ADCs, ADC A, ADC B, ADC C, and ADC D. The
AD7381-4 has a one-cycle readback latency. Therefore, the
conversion results are available on the next SPI access. Then,
take the CS signal low, and the conversion result clocks out on
the serial data output pins. The next conversion is also initiated
at this point.
The conversion result is shifted out of the device as a 14-bit
result for the AD7381-4. The MSB of the conversion result is
shifted out on the CS falling edge. The remaining data is shifted
out of the device under the control of the serial clock (SCLK)
input. The data is shifted out on the rising edge of SCLK, and
the data bits are valid on both the falling edge and the rising
edge. After the final SCLK falling edge, take CS high again to
return the serial data output pins to a high impedance state.
The number of SCLK cycles to propagate the conversion results
on the serial data output pins is dependent on the serial mode
of operation configured and if resolution boost mode is enabled
(see Figure 37 and Table 13 for details). If CRC reading is
enabled, additional SCLK pulses are required to propagate the
CRC information. See the CRC section for more details.
Because the CS signal initiates a conversion as well as framing
the data, any data access must be completed within a single frame.
Table 13. Number of SCLK Cycles (n) Required for Reading
Conversion Results
Interface
Configuration
Resolution
Boost Mode
CRC
Read
No. of SCLK
Cycles
4-Wire
Disabled
Disabled
14
Enabled
22
Enabled
Disabled
16
Enabled
24
2-Wire
Disabled
Disabled
28
Enabled
36
Enabled
Disabled
32
Enabled
40
1-Wire
Disabled
Disabled
56
Enabled
64
Enabled
Disabled
64
Enabled
72
Serial 4-Wire Mode
Configure 4-wire mode by setting the SDO bits to 0b10 in the
Configuration 2 register. In 4-wire mode, the conversion results
for ADC A is output on SDOA, ADC B on SDOB, ADC C on
SDOC, and ADC D on SDOD.
Serial 2-Wire Mode
Configure 2-wire mode by setting the SDO bits to 0b00 in the
Configuration 2 register. In 2-wire mode, the conversion results
for ADC A and ADC C are output on SDOA. The conversion
result for ADC B and ADC D are output on SDOB.
CS
1
2
3
n – 2
n – 1
n1
SCLK
CONVERSION RESULTS
SDOx
1CONSULT TABLE 12 FOR VALUES FOR n, THE NUMBER OF SCLK PULSES REQUIRED.
Figure 37. Reading Conversion Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com