Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ23876BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 3 Page - Analog Devices

  ADAQ23876BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
ADAQ23876
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 37
VDD = 5 V ± 5%, VS+ = 5 V ± 5%, VS− = −1 V ± 5%, VS− = 0 V (95% of VIN), VIO = 2.375 V to 2.625 V, REFBUF = 4.096 V, sampling
frequency (fS) = 15 MSPS, gain = 0.37, 0.73, 0.87, 1.38, and 2.25, and all specifications TMIN to TMAX, unless otherwise noted. For all gain
values, limit the differential input range, VIN, to 95% to allow enough footroom for the ADC driver with VS− = 0 V to achieve the specified
performance.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
RESOLUTION
16
Bits
ANALOG INPUT IMPEDANCE, ZIN
IN1+, IN1−, IN2+, IN2−, SJ+, and SJ− single-ended to
differential configuration
Gain = 0.37 (resistor feedback (RF) = 1375 Ω || 1000 Ω),
VIN = 20 V p-p
1816
Ω
Gain = 0.73 (RF = 1571 Ω2 || 1375 Ω), VIN = 10 V p-p
1268
Ω
Gain = 0.87, VIN = 8.1912 V p-p
2050
Ω
Gain = 1.38, VIN = 5 V p-p
1407
Ω
Gain = 2.25 (RF = 1571 Ω || 1000 Ω), VIN = 3 V p-p
935
Ω
Fully differential configuration
Gain = 0.37 (RF = 1375 Ω || 1000 Ω), VIN = 20 V p-p
3143
Ω
Gain = 0.73 (RF = 1571 Ω || 1375 Ω), VIN = 10 V p-p
2000
Ω
Gain = 0.87, VIN = 8.1912 V p-p
3143
Ω
Gain = 1.38, VIN = 5 V p-p
2000
Ω
Gain = 2.25 (RF = 1571 Ω || 1000 Ω), VIN = 3 V p-p
1222
Ω
Input Capacitance
IN1+, IN1−
3.3
pF
Differential Input Voltage Range, VIN3
Gain = 0.37, VIN = 22.141 V p-p
−11
+11
V
Gain = 0.73, VIN = 11.222 V p-p
−5.6
+5.6
V
Gain = 0.87, VIN = 9.416 V p-p
−4.7
+4.7
V
Gain = 1.38, VIN = 5.936 V p-p
−2.9
+2.9
V
Gain = 2.25, VIN = 3.64 V p-p
−1.8
+1.8
V
THROUGHPUT
Complete Cycle
66.6
ns
Conversion Time
54
58
63
ns
Acquisition Phase4
Time
between
conversions
(tCYC) − 39
ns
Throughput Rate5
0.02
15
MSPS
Transient Response6
Full-scale step
52
ns
DC ACCURACY
Single-ended and differential configuration
No Missing Codes
16
Bits
Integral Nonlinearity (INL) Error
Gain = 0.37 single-ended
−2.0
−1.6, +0.3
+0.4
LSB
−25
−20, +3.75
+5
ppm
Gain = 0.37 differential
−1.0
±0.4
+1.0
LSB
−12.5
±5
+12.5
ppm
Gain = 0.73, gain = 0.87, gain = 1.38, and gain = 2.25
−1.2
±0.6
+1.2
LSB
−15
±7.5
+15
ppm
Differential Nonlinearity (DNL) Error
All gains
−0.9
±0.4
+0.9
LSB
−11.25
±5
+11.25
ppm
Transition Noise
0.73
LSBRMS
Gain Error
All gains
−0.025
±0.005
+0.025
%FS
Gain Error Drift
−0.46
±0.11
+0.46
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com