Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ23876BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADAQ23876BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Data Sheet
ADAQ23876
16-Bit, 15 MSPS, µModule Data Acquisition Solution
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated fully differential ADC driver with signal scaling
►
Wide input common-mode voltage range
►
High common-mode rejection
►
Single-ended to differential conversion
►
Pin selectable input range with overrange
►
Input ranges with 4.096 V REFBUF: ±10 V, ±5 V, ±4.096 V,
±2.5 V, and ±1.5 V
►
Gain/attenuation options: 0.37, 0.73, 0.87, 1.38, and 2.25
►
Critical passive components
►
0.005% precision matched resistor array for FDA
►
9 mm × 9 mm, 0.8 mm pitch, 100-ball CSP_BGA package
►
2.5× footprint reduction vs. discrete solution
►
Low power, dynamic power scaling, power-down mode
►
143 mW typical at 15 MSPS
►
Throughput: 15 MSPS, no pipeline delay
►
INL error: ±7.5 ppm typical, ±15 ppm maximum
►
(Gain = 0.73, gain = 0.87, gain = 1.38, gain = 2.25)
►
SINAD: 90 dB typical at 1 kHz (gain = 0.37 and gain = 0.73)
►
THD: −121 dB at 1 kHz, −112 dB at 100 kHz (gain = 0.73)
►
Gain error: ±0.005%FS typical
►
Gain error drift: ±0.11 ppm/°C typical
►
On-board reference buffer with VCMO generation
►
Serial LVDS interface
►
Wide operating temperature range: −40°C to +85°C
APPLICATIONS
►
Automatic test equipment
►
Data acquisition
►
Hardware in the Loop (HiL)
►
Power analyzers
►
Nondestructive test (acoustic emissions)
►
Mass spectrometry
►
Traveling wave fault location
►
Medical imaging and instruments
GENERAL DESCRIPTION
The ADAQ23876 is a precision, high speed, μModule® data acquis-
ition solution that reduces the development cycle of precision meas-
urement systems by transferring the design burden of component
selection, optimization, and layout from the designer to the device.
Using system-in-package (SIP) technology, the ADAQ23876 re-
duces end system component count by combining multiple common
signal processing and conditioning blocks in a single device, includ-
ing a low noise, fully differential ADC driver amplifier (FDA), a stable
reference buffer, and a high speed, 16-bit, 15 MSPS successive
approximation register (SAR) ADC.
The ADAQ23876 also incorporates the critical passive components
with superior matching and drift characteristics using Analog Devi-
ces, Inc., iPassive® technology to minimize temperature dependent
error sources and to offer optimized performance. The fast settling
of the ADC driver stage and no latency of the SAR ADC provide
a unique solution for high channel count, multiplexed signal chain
architectures and control loop applications.
The small footprint, 9 mm × 9 mm, 0.8 mm pitch, 100-ball
CSP_BGA package enables smaller form factor instruments with-
out sacrificing performance. The system integration solves many
design challenges while the device still provides the flexibility of a
configurable ADC driver feedback loop to allow gain or attenuation
adjustments, as well as fully differential or single-ended to differen-
tial input. A single 5 V supply operation is possible while achieving
optimum performance from the device.
The ADAQ23876 features a serial low voltage differential signaling
(LVDS) digital interface with one-lane or two-lane output modes,
allowing the user to optimize the interface data rate for each appli-
cation. The specified operation of the ADAQ23876 is from −40°C to
+85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADAQ23876 Configured for Gain = 0.37, ±10 V Differential Input Range


Similar Part No. - ADAQ23876BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ23876 AD-ADAQ23876 Datasheet
1Mb / 7P
Precision Low Latency Development Kit
Rev. 0
More results

Similar Description - ADAQ23876BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
DAS1155 AD-DAS1155_15 Datasheet
1Mb / 4P
14 BIT 15 BIT LOW LEVEL DATA ACQUISITION SYSTEMS
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
11/2020-Revision 0
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
18-Bit, 15 MSPS, 關Module Data Acquisition Solution
12/2021-Revision 0
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com