Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFD2-EB2.SP Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # KFD2-EB2.SP
Description  Power Feed Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KFD2-EB2.SP Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  KFD2-EB2.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KFD2-EB2.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KFD2-EB2.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KFD2-EB2.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Assembly
1
3
4
6
2
5
13
15
12
9
10
7
14
11
8
KFD2-EB2
FLT PWR
!
5 AT
II
I
S1
Removable spring terminals
green
Front view
LED red:
Fault signal
LED green:
Power supply
Switch S1
mode of operation
Position I: NO
Position II: NC
Fuse carrier
Matching System Components
UPR-03
Universal Power Rail with end caps and cover, 3 conductors, length: 2 m
UPR-03-M
Universal Power Rail with end caps and cover, 3 conductors, length: 1,6 m
UPR-03-S
Universal Power Rail with end caps and cover, 3 conductors, length: 0.8 m
UPR-05
Universal Power Rail with end caps and cover, 5 conductors, length: 2 m
UPR-05-S
Universal Power Rail with end caps and cover, 5 conductors, length: 0.8 m
K-DUCT-GY-UPR-03
Profile rail with UPR-03-* insert, 3 conductors, wiring comb field side, gray
K-DUCT-GY-UPR-05
Profile rail with UPR-05-* insert, 5 conductors, wiring comb field side, gray
K-DUCT-BU-UPR-03
Profile rail with UPR-03- * insert, 3 conductors, wiring comb field side, blue
K-DUCT-BU-UPR-05
Profile rail with UPR-05- * insert, 5 conductors, wiring comb field side, blue
Accessories
KF-CTT-5GN
Power Feed Module
KFD2-EB2.SP
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com