Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFD2-EB2.SP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KFD2-EB2.SP
Description  Power Feed Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KFD2-EB2.SP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KFD2-EB2.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KFD2-EB2.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KFD2-EB2.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KFD2-EB2.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Feed Module
KFD2-EB2.SP
< Interface for Power Rail
< Supply current ≤ 4 A
< Replaceable fuse
< Relay contact output, reversible
< LED status indication
< Connection via spring terminals with push-in connection
technology
Power feed module with spring terminals
Function
The power feed module supplies the Power Rail with a voltage of 24 V DC and a maximum current of 4 A.
In the event of a device fault or a wiring fault of any isolator on the Power Rail, the collective error messaging relay alerts the controller via a binary
I/O point. This relay can be configured as normally-open or normally-closed.
A green LED on the front of the device indicates the power state, and a red LED lights up during a fault condition.
In the sense of functional safety (SIL) the device provides no dangerous failures. Thereby the safe condition of the supplied isolators must be
defined as the de-energized state. Thus the device will not influence the safety calculation or the SIL value.
This device is compatible with all versions of the Power Rail.
Connection
KFD2-EB2.SP
7
10
24 V DC
9-
12-
8+
11+
Power Rail
24V DC
Fault
5 AT
Zone 2
Technical Data
Supply
Connection
terminals 11+, 12-
terminals 8+, 9-
Rated voltage
Ur
20 ... 30 V DC
The maximum rated operating voltage of the devices plugged onto the Power Rail
must not be exceeded.
Fusing
5 AT/250 V AC
recommended maximum utilization of the fuse: 80 %
Power dissipation
≤ 1 W
Output
Connection
Power Rail
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KFD2-EB2.SP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-EB2.R4A.B PF-KFD2-EB2.R4A.B Datasheet
1Mb / 4P
Redundant Power Feed Module
KFD2-EB2.R4A.B.SP PF-KFD2-EB2.R4A.B.SP Datasheet
1Mb / 4P
Redundant Power Feed Module
More results

Similar Description - KFD2-EB2.SP

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2570 AKM-AK2570 Datasheet
282Kb / 27P
Feed Forward APC LSI for LD Module
logo
Cooper Bussmann, Inc.
C7021-02N-1 COOPER-C7021-02N-1 Datasheet
94Kb / 1P
Power Feed Through Terminal Blocks
logo
TE Connectivity Ltd
408-32121 TEC-408-32121 Datasheet
642Kb / 4P
Installation of Air Feed Module
logo
PHOENIX CONTACT
2903113 PHOENIX-2903113 Datasheet
51Kb / 3P
SmartWire DT??power feed module for supplying further SmartWire DT??devices.
logo
HARTING Technology Grou...
09-14-001-4722 HARTING-09-14-001-4722 Datasheet
455Kb / 2P
Han RJ45 module panel feed through, fem.
2021-12-04
logo
Pepperl+Fuchs Inc.
KFD2-EB2.R4A.B.SP PF-KFD2-EB2.R4A.B.SP Datasheet
1Mb / 4P
Redundant Power Feed Module
KFD2-EB2.R4A.B PF-KFD2-EB2.R4A.B Datasheet
1Mb / 4P
Redundant Power Feed Module
KFD2-EB2 PF-KFD2-EB2 Datasheet
2Mb / 5P
Power Feed Module
S1SD-2PF PF-S1SD-2PF Datasheet
810Kb / 3P
Power Feed Module
2022-01-10
M-LB-5300 PF-M-LB-5300 Datasheet
677Kb / 3P
Power Feed Module
2022-01-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com