Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA014-R178-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMA014-R178-G
Description  SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA014-R178-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMA014-R178-G Datasheet HTML 1Page - Linx Technologies CONSMA014-R178-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCALE 1 : 1
10.20
0.402
0.50
0.020
WASHER
19.00
0.748
10.60
0.417
2.10
0.083
6.30
0.248
5.00
0.197
2.70
0.106
6.00
0.236
1/4"-36UNS-2A
THREADS
HEX 11.00
0.433
12.70
0.500
FLAT
5.80
0.228
9.10
0.358
1.40
0.055
6.30
0.248
O-RING
20.00
0.787
6.44
0.254
2.48
0.098
SUPPORT
HEAT
SHRINK
SPACER
SOCKET
BODY
EXPLODED VIEW
SCALE 2 : 1
1.24
0.049
9.00
0.354
0.50
0.020
0.60
0.024
SOCKET
0.2x2x2
GROOVE
HEX 8.0
1.60
0.063
NUT
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN mm [INCHES].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE,
USE MATERIALS THAT DO NOT CONTAIN REACH SUBSTANCES
OF VERY HIGH CONCERN >1000ppm, AND USE DRC
CONFLICT-FREE SOURCED MATERIALS.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES 0.5 MAXIMUM.
5 SEE TABLE I FOR ELECTRICAL SPECIFICATIONS. (SHEET 2)
6 SEE TABLE II FOR ENVIRONMENTAL SPECIFICATIONS. (SHEET 2)
7 SEE TABLE III FOR MECHANICAL SPECIFICATIONS. (SHEET 2)
8. SEE PARTSLIST. "*" INDICATES FINISH TYPE.
FILE://M:\Linx\Web\Website Content\Diagrams\Current on site\consma014-r178.pdf
REVISIONS
REV
DESCRIPTION
DATE
APPV
A INITIAL RELEASE OF LINX INTERNAL DRAWING
01/MAR/19
CLL
SHEET 1 OF 2
LDCFDAL_C
SCALE: 3:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
CONSMA014-R178-*
A
SMA FEMALE BULKHEAD MOUNT CABLE
END CRIMP WITH O-RING FOR RG-178 CABLE
159 ORT LANE
MERLIN, OR 97532
ANGLES: 1
DRAWN: M. SCHULTE
ENGR: D. VARATHARAJAN
DT: 21/JAN/19
DT: 08/MAR/19
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
TOLERANCES:
0.50 [.020]-5.00 [.200]= 0.20 [.008]
5.00 [.200]-30.00 [1.200]= 0.40 [.016]
30.0 [1.20]-120.0 [4.75]= 0.60 [0.24]
120.0 [4.75]-315.0 [12.40]= 1.0 [.040]


Similar Part No. - CONSMA014-R178-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA014-R178 ETC2-CONSMA014-R178 Datasheet
295Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE SMA FEMALE BULKHEAD MOUNT CABLE
More results

Similar Description - CONSMA014-R178-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA014 ETC2-CONREVSMA014 Datasheet
187Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONREVSMA014-R178 ETC2-CONREVSMA014-R178 Datasheet
294Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG178 CABLE
CONREVSMA015 ETC2-CONREVSMA015 Datasheet
142Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA005-R58 ETC2-CONSMA005-R58 Datasheet
208Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONSMA014 ETC2-CONSMA014 Datasheet
190Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA015 ETC2-CONSMA015 Datasheet
261Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONSMA015-R178-G LINX-CONSMA015-R178-G Datasheet
375Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP W/O-RING FOR RG-178 CABLE
21/JAN/19
CONREVSMA005-G LINX-CONREVSMA005-G Datasheet
383Kb / 2P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com