Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA014-R178-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMA014-R178-G
Description  SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA014-R178-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMA014-R178-G Datasheet HTML 1Page - Linx Technologies CONSMA014-R178-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.50
0.217
0.80
0.031
5.00
0.197
RECOMMENDED CABLE STRIPPING DIMENSIONS
CAN ALSO BE USED WITH:
RG-196
RG-178
CABLE
6.50
0.256
6.00
0.236
RECOMMENDED MOUNTING HOLE
5
6
TABLE I
TABLE II
TABLE III
7
ASSEMBLY INSTRUCTIONS
Strip the cable.
1.
Slide the coax into the support until the outside insulation
2.
bottoms out against the inside shoulder of the support.
Solder the support onto the braid.
3.
Plaec the spacer onto the center-conductor.
4.
Solder or crimp the socket onto the center conductor.
5.
Insert the socket, center-conductor, spacer and support into te
6.
body until the top of the socket is even with the white
insulation in the body.
Crimp the tail of the body onto the support with a 0.093" hex
7.
crimp tool.
SHEET 2 OF 2
LDCFDAL_A
SCALE: 4:1
A
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
SEE SHEET 1 FOR REVISIONS
A
CONSMA014-R178-*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com