Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMB002-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMB002-G
Description  SMB Jack PCB Through Hole Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB002-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMB002-G Datasheet HTML 1Page - Linx Technologies CONSMB002-G Datasheet HTML 2Page - Linx Technologies CONSMB002-G Datasheet HTML 3Page - Linx Technologies CONSMB002-G Datasheet HTML 4Page - Linx Technologies CONSMB002-G Datasheet HTML 5Page - Linx Technologies CONSMB002-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
CONSMB002-G
SMB Jack PCB Through Hole Connector
Table 1. Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 4 GHz
Voltage Rating
750 V RMS
Contact Resistance
Center:
≤ 6.0 mΩ Outer: ≤ 1.0 mΩ
Select Frequencies
400 MHz to 960 MHz
2.4 GHz
Insertion Loss (dB max)
-0.21
-0.24
VSWR (max)
1.5
1.1
Ordering Information
Part Number
Description
CONSMB002-G
SMB jack (male pin) PCB through hole connector
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 4 GHz operation
• Gold plating
― Superior corrosion resistance
• SMB jack (male pin) connection
― Gold plated brass center contact
• Direct PCB attachment
• Reflow- or hand-solder assembly
The CONSMB002-G is a right angle SMB jack
PCB through hole connector designed for reflow-
solder mounting directly to a printed circuit
board. Operating from 0 GHz to 4 GHz, the
CONSMB002-G combines superior performance,
compact size, and a convenient snap-on mating
interface to provide a reliable, easy-to-use connector.
Additionally, all Linx connectors meet RoHS lead
free standards and are tested to meet requirements
for corrosion resistance, vibration, mechanical and
thermal shock.
Applications
• LPWA
― LoRaWAN®, Sigfox®, WiFi HaLow™ (802.11ah)
• Cellular IoT
― LTE-M (Cat-M1), NB-IoT
• Cellular
― 5G/4G LTE/3G/2G
• GNSS
― GPS, Galileo, GLONASS, BeiDou, QZSS
• Industrial/Commercial/Enterprise
• ISM


Similar Part No. - CONSMB002-G

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-SMD-G LINX-CONSMB001-SMD-G Datasheet
1Mb / 6P
SMB Jack PCB Surface-Mount Connector
2020
CONSMB003.062-G LINX-CONSMB003.062-G Datasheet
1Mb / 6P
SMB Jack PCB Edge Mount Connector
2020
CONSMB006-G LINX-CONSMB006-G Datasheet
1Mb / 6P
SMB Plug PCB Through Hole Connector
2020
More results

Similar Description - CONSMB002-G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734035070 MOLEX11-0734035070 Datasheet
50Kb / 1P
50 Ohms, FAKRA SMB Jack, Vertical Through Hole
logo
Rosenberger Hochfrequen...
59K102-400L5 ROSENBERGER-59K102-400L5 Datasheet
40Kb / 2P
SMB STRAIGHT JACK PCB
logo
Pasternack Enterprises,...
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4177 PASTERNACK-PE4177_16 Datasheet
347Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
logo
Linx Technologies
CONN001-W LINX-CONN001-W Datasheet
742Kb / 6P
N Bulkhead Jack PCB Through Hole Connector
2020
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-SMD-G LINX-CONSMB001-SMD-G Datasheet
1Mb / 6P
SMB Jack PCB Surface-Mount Connector
2020
CONSMB003.062-G LINX-CONSMB003.062-G Datasheet
1Mb / 6P
SMB Jack PCB Edge Mount Connector
2020
CONSMB006-G LINX-CONSMB006-G Datasheet
1Mb / 6P
SMB Plug PCB Through Hole Connector
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com