Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMB002-G Datasheet(PDF) 4 Page - Linx Technologies

Part # CONSMB002-G
Description  SMB Jack PCB Through Hole Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB002-G Datasheet(HTML) 4 Page - Linx Technologies

  CONSMB002-G Datasheet HTML 1Page - Linx Technologies CONSMB002-G Datasheet HTML 2Page - Linx Technologies CONSMB002-G Datasheet HTML 3Page - Linx Technologies CONSMB002-G Datasheet HTML 4Page - Linx Technologies CONSMB002-G Datasheet HTML 5Page - Linx Technologies CONSMB002-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Datasheet
CONSMB002-G
Reflow Solder Profile
Figure 3 shows the time and temperature data for reflow soldering the connector to a PCB.
125°C
185°C
217°C
255°C
235°C
60
120
30
150
180
210
240
270
300
330
360
0
90
50
100
150
200
250
300
Recommended RoHS Profile
Max RoHS Profile
Recommended Non-RoHS Profile
180°C
Time (Seconds)
Figure 3. Recommended Reflow Solder Profile
Packaging Information
The CONSMB002-G connector is placed in sealed trays of 100 pcs. Trays are packaged in cartons of 1700
pcs. Distribution channels may offer alternative packaging options.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com