Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMB012-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMB012-G
Description  SMB Plug Cable-Mount Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB012-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMB012-G Datasheet HTML 1Page - Linx Technologies CONSMB012-G Datasheet HTML 2Page - Linx Technologies CONSMB012-G Datasheet HTML 3Page - Linx Technologies CONSMB012-G Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
CONSMB012-G
SMB Plug Cable-Mount Connector
Table 1. Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 12 GHz
Voltage Rating
750 V RMS
Contact Resistance
Center:
≤ 6.0 mΩ Outer: ≤ 1.0 mΩ
Select Frequencies
400 MHz to 960 MHz
2.4 GHz
Insertion Loss (dB max)
-0.15
-0.24
VSWR (max)
1.1
1.1
Ordering Information
Part Number
Description
CONSMB012-G
SMB plug (female socket) cable-mount connector
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 12 GHz operation
• Right angle design for connection in tight spaces
• Gold plating
― Superior corrosion resistance
• SMB plug (female socket) connection
― Gold plated beryllium copper center contact
• Crimp type coaxial cable mount for use with
― RG-174, 316
― Crimp ferrule and heat shrink tubing provided
The CONSMB012-G is an SMB plug right angle
connector designed for use with RG-174, 316 or
equivalent coaxial cable using the provided crimp
ferrule and heat shrink tubing. Operating from 0 GHz
to 12 GHz, the CONSMB012-G combines superior
performance, compact size, and a convenient snap-
on mating interface to provide a reliable, easy-to-use
connector. Additionally, all Linx connectors meet
RoHS lead free standards and are tested to meet
requirements for corrosion resistance, vibration,
mechanical and thermal shock.
Applications
• LPWA
― LoRaWAN®, Sigfox®, WiFi HaLow™ (802.11ah)
• Cellular IoT
― LTE-M (Cat-M1), NB-IoT
• Cellular
― 5G/4G LTE/3G/2G
• GNSS
― GPS, Galileo, GLONASS, BeiDou, QZSS
• Industrial/Commercial/Enterprise
• ISM


Similar Part No. - CONSMB012-G

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-SMD-G LINX-CONSMB001-SMD-G Datasheet
1Mb / 6P
SMB Jack PCB Surface-Mount Connector
2020
CONSMB002-G LINX-CONSMB002-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB003.062-G LINX-CONSMB003.062-G Datasheet
1Mb / 6P
SMB Jack PCB Edge Mount Connector
2020
More results

Similar Description - CONSMB012-G

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3166 PASTERNACK-PE3166 Datasheet
110Kb / 1P
CABLE ASSEMBLY RG223/U SMB PLUG TO SMB PLUG
PE3915 PASTERNACK-PE3915 Datasheet
268Kb / 1P
CABLE ASSEMBLY RG316/U SMB PLUG TO SMB PLUG
PE33165 PASTERNACK-PE33165 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG178/U SMB PLUG TO SMB PLUG
PE33704 PASTERNACK-PE33704 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG316-DS SMB PLUG TO SMB PLUG TO SMB PLUG
PE3721 PASTERNACK-PE3721 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB PLUG
PE33650 PASTERNACK-PE33650 Datasheet
270Kb / 1P
CABLE ASSEMBLY RG58C/U SMB PLUG TO SMB PLUG
PE3915 PASTERNACK-PE3915_16 Datasheet
357Kb / 4P
SMB Plug to SMB Plug Cable
logo
Linx Technologies
CSE-SMBM-CCC-SMBM LINX-CSE-SMBM-CCC-SMBM Datasheet
891Kb / 4P
SMB Plug to SMB Plug Cable Assembly
2020
CSE-SBRM-CCC-SBRM LINX-CSE-SBRM-CCC-SBRM Datasheet
902Kb / 4P
SMB Plug to SMB Plug Cable Assembly
2020
CONSMB007-G LINX-CONSMB007-G Datasheet
893Kb / 4P
SMB Plug Cable Mount Connector
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com