Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMB012-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMB012-G
Description  SMB Plug Cable-Mount Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB012-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMB012-G Datasheet HTML 1Page - Linx Technologies CONSMB012-G Datasheet HTML 2Page - Linx Technologies CONSMB012-G Datasheet HTML 3Page - Linx Technologies CONSMB012-G Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Datasheet
CONSMB012-G
Product Dimensions
SOCAA CORP.,LTD.
13.55 mm
(0.53 in)
11.5 mm
(0.45 in)
8.7 mm
(0.34 in)
9.0 mm
(0.35 in)
4.5 mm
(0.18 in)
1.0 mm
(0.04 in)
Ø6.5 mm
(0.26 in)
Ø2.7 mm
REF
Ø1.6 mm
(0.06 in)
(Ø4.5 mm)
(Ø3.0 mm)
Cover
Insulator
Crimp Ferrule
Ø3.2 mm
(0.13 in)
Ø3.9 mm
(0.15 in)
20.0 mm REF
Heat Shrink Tubing
Ø4.0 mm REF
13.55 mm
(0.53 in)
11.5 mm
(0.45 in)
8.7 mm
(0.34 in)
Ø6.5 mm
(0.26 in)
Ø2.7 mm
REF
Ø1.6 mm
(0.06 in)
Ø4.5 mm
REF
Cover
Crimp Ferrule
Ø3.2 mm
(0.13 in)
Ø3.9 mm
(0.15 in)
Figure 1. Product Dimensions for the CONSMB012-G Connector
Table 2. Connector Components
Model
CONSMB012-G
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact (socket)
Beryllium Copper
Gold
Insulator
PTFE
–
Crimp Ferrule
Brass
Gold
Coaxial Cable Installation
The CONSMB012-G provides a crimp type coaxial cable retention system for installation to the
connector using the provided crimp ferrule and heat shrink tubing. The coaxial cable trim dimensions are
provided below in Table 3 for supported coaxial cable types, and recommended hex crimp tool sizes for
CONSMB012-G are shown in Table 4.
Table 3. Coaxial Cable Trim Dimensions for the CONSMB012-G Connector
Coaxial Cable Types
A
B
C
RG-174/U, 316
1.0 mm (0.04 in)
4.5 mm (0.18 in)
9.0 mm (0.35 in)
C
C
B
A
B
A
A2
Table 4. Recommended Hex Crimp Tool Sizes for the CONSMB012-G
Connector Part
Crimp Tool Size
Crimp Ferrule
3.25 mm (0.128 in)
Center Contact
Crimping not recommended



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com