Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2331LSLBX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2331LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331LSLBX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2331LSLBX Datasheet HTML 1Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 2Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 3Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 4Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 5Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 6Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions
Pin No.
LMX233XLSLD
20-pin Thin
CSP Package
Pin No.
LMX233XLSLB
24-pin CSP
Package
Pin No.
LMX233XLTM
20-pin TSSOP
Package
Pin
Name
I/O
Description
20
24
1
V
CC1
—
Power supply voltage input for RF analog and RF digital circuits.
Input may range from 2.7V to 5.5V. V
CC1 must equal VCC2.
Bypass capacitors should be placed as close as possible to this
pin and be connected directly to the ground plane.
122
V
P1
—
Power Supply for RF charge pump. Must be
≥ V
CC.
233
D
o RF
O
Internal charge pump output. For connection to a loop filter for
driving the input of an external VCO.
3
4
4
GND
—
Ground for RF digital circuitry.
455
f
IN RF
I
RF prescaler input. Small signal input from the VCO.
566
f
IN RF
I
RF prescaler complementary input. A bypass capacitor should
be placed as close as possible to this pin and be connected
directly to the ground plane. Capacitor is optional with some loss
of sensitivity.
6
7
7
GND
—
Ground for RF analog circuitry.
788
OSC
in
I
Oscillator input. The input has a V
CC/2 input threshold and can
be driven from an external CMOS or TTL logic gate.
8
10
9
GND
—
Ground for IF digital, MICROWIRE™,F
oLD, and oscillator
circuits.
911
10
F
oLD
O
Multiplexed output of the RF/IF programmable or reference
dividers, RF/IF lock detect signals and Fastlock mode. CMOS
output
(see Programmable Modes).
10
12
11
Clock
I
High impedance CMOS Clock input. Data for the various
counters is clocked in on the rising edge, into the 22-bit shift
register.
11
14
12
Data
I
Binary serial data input. Data entered MSB first. The last two bits
are the control bits. High impedance CMOS input.
12
15
13
LE
I
Load enable high impedance CMOS input. When LE goes HIGH,
data stored in the shift registers is loaded into one of the 4
appropriate latches (control bit dependent).
13
16
14
GND
—
Ground for IF analog circuitry.
14
17
15
f
IN IF
I
IF prescaler complementary input. A bypass capacitor should be
placed as close as possible to this pin and be connected directly
to the ground plane. Capacitor is optional with some loss of
sensitivity.
15
18
16
f
IN RF
I
IF prescaler input. Small signal input from the VCO.
16
19
17
GND
—
Ground for IF digital, MICROWIRE, F
oLD, and oscillator circuits.
17
20
18
D
o IF
O
IF charge pump output. For connection to a loop filter for driving
the input of an external VCO.
18
22
19
V
P2
—
Power Supply for IF charge pump. Must be
≥ V
CC.
19
23
20
V
CC2
—
Power supply voltage input for IF analog, IF digital,
MICROWIRE, F
oLD, and oscillator circuits. Input may range from
2.7V to 5.5V. V
CC2 must equal VCC1. Bypass capacitors should
be placed as close as possible to this pin and be connected
directly to the ground plane.
X
1, 9, 13, 21
X
NC
—
No connect.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com