Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2331LSLBX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2331LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331LSLBX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2331LSLBX Datasheet HTML 2Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 3Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 4Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 5Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 6Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 9Page - National Semiconductor (TI) LMX2331LSLBX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics (Continued)
V
CC = 3.0V, VP = 3.0V; −40˚C < TA < 85˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable Set Up Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse Width
See Data Input Timing
50
ns
Note 3: Clock, Data and LE = GND or Vcc.
Note 4: Clock, Data and LE does not include fIN RF, fIN IF and OSCIN.
Charge Pump Characteristics
V
CC = 3.0V, VP = 3.0V; −40˚C < TA ≤ 85˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
Do-SOURCE
Charge Pump Output
V
Do =VP/2, ICPo = HIGH (Note 5)
−4.0
mA
I
Do-SINK
Current
V
Do =VP/2, ICPo = HIGH (Note 5)
4.0
mA
I
Do-SOURCE
V
Do =VP/2, ICPo = LOW (Note 5)
−1
mA
I
Do-SINK
V
Do =VP/2, ICPo = LOW (Note 5)
1
mA
I
Do-TRI
Charge Pump
0.5V
≤ V
Do ≤ VP − 0.5V
−2.5
2.5
nA
TRI-STATE Current
−40˚C < T
A < 85˚C
I
Do-SINK vs
CP Sink vs
V
Do =VP/2
3
10
%
I
Do-SOURCE
Source Mismatch (Note 7)
T
A = 25˚C
I
Do vs VDo
CP Current vs Voltage
0.5
≤ V
Do ≤ VP − 0.5V
10
15
%
(Note 6)
T
A = 25˚C
I
Do vs TA
CP Current vs
V
Do =VP/2
10
%
Temperature (Note 8)
−40˚C
≤ T
A ≤ 85˚C
Note 5: See PROGRAMMABLE MODES for ICPo description.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com