Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-450-RHS-SMA Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-450-RHS-SMA
Description  450 MHz Cellular LTE Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-450-RHS-SMA Datasheet(HTML) 1 Page - Linx Technologies

  ANT-450-RHS-SMA Datasheet HTML 1Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 2Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 3Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 4Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 5Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 6Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 7Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
ANT-450-RHS-SMA
450 MHz Cellular LTE Antenna
Applications
• Cellular IoT:
― LTE-M (Cat-M1)
― NB-IoT
• 450 MHz LTE bands 72, 73 and 31
• Hand-held devices
• Remote control, monitoring and sensing
• Internet of Things (IoT) devices
The ANT-450-RHS-SMA is a compact whip-style
antenna for cellular and cellular IoT (LTE-M, NB-
IoT) applications in the 450 MHz to 470 MHz range
including LTE bands 72, 73 and 31.
The ANT-450-RHS-SMA is a rugged and compact
monopole antenna with a height of only 51.8 mm.
The ANT-450-RHS-SMA may be used with plastic
or metal enclosures.
Features
• Compact size
― Height 51.8 mm (2.04 in)
― Diameter 9.0 (0.35 in)
• Performance at 450 MHz to 470 MHz
― VSWR: ≤ 2.1
― Peak Gain: -8.2 dBi
― Efficiency: 5%
• SMA plug (male pin) connection
Ordering Information
Part Number
Description
ANT-450-RHS-SMA
450 MHz RH series antenna with SMA plug (male pin)
Available from Linx Technologies and select distributors and representatives.


Similar Part No. - ANT-450-RHS-SMA

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-450-RHR-SMA LINX-ANT-450-RHR-SMA Datasheet
1Mb / 8P
450 MHz Cellular LTE Antenna
2020
More results

Similar Description - ANT-450-RHS-SMA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10084 WPI-WPANT10084 Datasheet
56Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
4G / LTE Cellular Blade Stubby Antenna
WPANT30201 WPI-WPANT30201 Datasheet
184Kb / 2P
Body-mount Antenna ??4G LTE Cellular
WPANT30202 WPI-WPANT30202 Datasheet
86Kb / 2P
Body-mount Antenna ??4G LTE Cellular
logo
Linx Technologies
ANT-450-RHR-SMA LINX-ANT-450-RHR-SMA Datasheet
1Mb / 8P
450 MHz Cellular LTE Antenna
2020
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
4G/LTE/CELLULAR/CDMA ANTENNA
REV A
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
logo
AVX Corporation
1002292 AVX-1002292 Datasheet
779Kb / 4P
LTE/Cellular FPC Embedded Antenna
9/17/2021
1003657 AVX-1003657 Datasheet
916Kb / 5P
External Balanced LTE/Cellular Antenna
9/27/2021
1004112 AVX-1004112 Datasheet
822Kb / 5P
Broadband External LTE / Cellular Antenna
9/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com