Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-450-RHS-SMA Datasheet(PDF) 6 Page - Linx Technologies

Part # ANT-450-RHS-SMA
Description  450 MHz Cellular LTE Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-450-RHS-SMA Datasheet(HTML) 6 Page - Linx Technologies

  ANT-450-RHS-SMA Datasheet HTML 1Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 2Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 3Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 4Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 5Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 6Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 7Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Datasheet
ANT-450-RHS-SMA
450 MHz to 470 MHz (460 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
450 MHz
460 MHz
470 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Figure 8. Radiation Patterns for ANT-450-RHS-SMA Antenna
Radiation Patterns
Radiation patterns provide information about the directionality and 3-dimensional gain performance of the
antenna by plotting gain at specific frequencies in three orthogonal planes. Antenna radiation patterns
(Figure 8), are shown using polar plots covering 360 degrees. The antenna graphic above the plots provides
reference to the plane of the column of plots below it. Note: when viewed with typical PDF viewing software,
zooming into radiation patterns is possible to reveal fine detail.
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com