Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC-LG Datasheet(PDF) 2 Page - Linx Technologies

Part # OC-LG
Description  868 MHz LPWA Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

OC-LG Datasheet(HTML) 2 Page - Linx Technologies

  OC-LG Datasheet HTML 1Page - Linx Technologies OC-LG Datasheet HTML 2Page - Linx Technologies OC-LG Datasheet HTML 3Page - Linx Technologies OC-LG Datasheet HTML 4Page - Linx Technologies OC-LG Datasheet HTML 5Page - Linx Technologies OC-LG Datasheet HTML 6Page - Linx Technologies OC-LG Datasheet HTML 7Page - Linx Technologies OC-LG Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Datasheet
ANT-868-OC-LG
Electrical Specifications
ANT-868-OC-LG
868 MHz
Frequency Range
862 MHz to 876 MHz
VSWR (max)
2.3
Peak Gain (dBi)
0.4
Average Gain (dBi)
-2.3
Efficiency (%)
62
Polarization
Linear
Radiation
Omnidirectional
Max Power
10 W
Wavelength
1/2-wave
Electrical Type
Dipole
Impedance
50
Ω
Connection
SMA plug (male pin) or RP-SMA plug (female socket)
Operating Temperature Range
-20 °C to +85 °C
Weight
15.0 g (0.53 oz)
Dimensions
Length: 193.5 mm (7.62 in) Diameter: 10.0 mm (0.39 in)
Electrical specifications and plots measured with a 102 mm x 102 mm (4.0 in x 4.0 in) reference ground plane in a
Center-Straight orientation.
Product Dimensions
Figure 1 provides dimensions of the ANT-868-OC-LG. The antenna whip can be tilted 90 degrees, and has
a detent at 45 degrees enabling the antenna to be oriented in any direction. The rotating base allows for
continuous positioning through 360 degrees even while installed.
21.75
0.856
171.75
6.762
193.50
7.618
176.55
6.951
26.75
1.053
5.30
0.209
10
0.394
45
1.772
55
2.165
ANT-fff-OC-LG-ccc
193.5 mm
(7.62 in)
26.8 mm
(1.05 in)
176.6 mm
(6.96 in)
Ø5.3 mm
(0.21 in)
Ø8.5 mm
(0.34 in)
Ø10.0 mm
(0.39 in)
Figure 1. OC-LG Antenna Dimensions
Packaging Information
The OC-LG series antennas are packaged in clear plastic bags in quantities of 50, with 350 pcs packed in
inner boxes, and 1,400 pcs per carton. Distribution channels may offer alternative packaging options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com