Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC-LG Datasheet(PDF) 3 Page - Linx Technologies

Part # OC-LG
Description  868 MHz LPWA Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

OC-LG Datasheet(HTML) 3 Page - Linx Technologies

  OC-LG Datasheet HTML 1Page - Linx Technologies OC-LG Datasheet HTML 2Page - Linx Technologies OC-LG Datasheet HTML 3Page - Linx Technologies OC-LG Datasheet HTML 4Page - Linx Technologies OC-LG Datasheet HTML 5Page - Linx Technologies OC-LG Datasheet HTML 6Page - Linx Technologies OC-LG Datasheet HTML 7Page - Linx Technologies OC-LG Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Datasheet
ANT-868-OC-LG
Center of Ground Plane, Straight
The charts on the following pages represent data taken with the antenna oriented at the center of the ground
plane, straight (Center-Straight), as shown in Figure 2.
Figure 2. ANT-868-OC-LG Shown on Center of Ground Plane, Straight
VSWR
Figure 3 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes
the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna
performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of
the percentage of transmitter power reflected back from the antenna.
0
10
20
30
40
1
2
3
4
5
850
855
860
865
870
875
880
885
890
Frequency (MHz)
Figure 3. ANT-868-OC-LG VSWR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com