Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFD2-UT2-2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # KFD2-UT2-2
Description  Universal Temperature Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KFD2-UT2-2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  KFD2-UT2-2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. KFD2-UT2-2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. KFD2-UT2-2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. KFD2-UT2-2 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2006
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Degree of protection
IP20
Connection
screw terminals
Mass
approx. 130 g
Dimensions
20 x 119 x 115 mm (0.8 x 4.7 x 4.5 inch) (W x H x D) , housing type B2
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Assembly
1
3
4
6
2
5
13
15
12
9
10
7
14
11
8
KFD2-UT2-2
PROGRAM
FLT
FLT
2
1
PWR
1
3
4
6
2
5
Front view
Removable terminals
green
LED green:
Power supply
Programming jack
Removable terminals
green
LED red:
Fault signal channel 1
LED red:
Fault signal channel 2
Matching System Components
DTM Interface
Technology
Device type manager (DTM) for interface technology
PACTware 5.X
FDT Framework
K-ADP-USB
Programming adapter with USB interface
Universal Temperature Converter
KFD2-UT2-2
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com