Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFD2-UT2-2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KFD2-UT2-2
Description  Universal Temperature Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KFD2-UT2-2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KFD2-UT2-2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. KFD2-UT2-2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. KFD2-UT2-2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. KFD2-UT2-2 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal Temperature Converter
KFD2-UT2-2
< 2-channel signal conditioner
< 24 V DC supply (Power Rail)
< Thermocouple, RTD, potentiometer or voltage input
< Usable as signal splitter (1 input and 2 outputs)
< Current output 0/4 mA ... 20 mA
< Sink or source mode
< Configurable by PACTware
< Line fault (LFD) and sensor burnout detection
< Up to SIL 2 acc. to IEC 61508/IEC 61511
Function
This signal conditioner provides the galvanic isolation between field circuits and control circuits.
The device converts the signal of a resistance thermometer, thermocouple, or potentiometer to a proportional output current.
The device can also be configured as a signal splitter.
The removable terminal block K-CJC-** is available as an accessory for internal cold junction compensation of thermocouples.
A fault is signalized by LEDs acc. to NAMUR NE44 and a separate collective error message output.
The device is easily configured by the use of the PACTware configuration software.
For additional information, refer to the manual and www.pepperl-fuchs.com.
Connection
KFD2-UT2-2
2
3
1
+
-
T
T
+
-
T
5
6
4
24 V DC
14+
15-
Power Rail
24V DC
Fault
+
-
T
+
-
T
I
II
7
9-
8+
V
10
12-
11+
V
V
V
K-CJC-**
Technical Data
General specifications
Signal type
Analog input
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 2
Supply
Connection
terminals 14+, 15- or power feed module/Power Rail
Rated voltage
Ur
20 ... 30 V DC
Ripple
within the supply tolerance
Power dissipation
≤ 1.53 W
Power consumption
max. 1.53 W
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KFD2-UT2-2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-UT2-2-1 PF-KFD2-UT2-2-1 Datasheet
1,012Kb / 4P
Universal Temperature Converter
2021-12-10
More results

Similar Description - KFD2-UT2-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KFD2-UT2-1 ETC2-KFD2-UT2-1 Datasheet
174Kb / 3P
Universal Temperature Converter
logo
Pepperl+Fuchs Inc.
KFD2-UT2-EX1 PF-KFD2-UT2-EX1 Datasheet
1Mb / 5P
Universal Temperature Converter
KFD2-UT2-EX2 PF-KFD2-UT2-EX2 Datasheet
1Mb / 5P
Universal Temperature Converter
KCD2-UT2-1 PF-KCD2-UT2-1 Datasheet
849Kb / 4P
Universal Temperature Converter
KCD2-UT2-EX1 PF-KCD2-UT2-EX1 Datasheet
954Kb / 5P
Universal Temperature Converter
KFD2-UT2-1 PF-KFD2-UT2-1 Datasheet
989Kb / 4P
Universal Temperature Converter
2021-12-10
KFD2-UT2-1-1 PF-KFD2-UT2-1-1 Datasheet
986Kb / 4P
Universal Temperature Converter
2021-12-10
KFD2-UT2-2-1 PF-KFD2-UT2-2-1 Datasheet
1,012Kb / 4P
Universal Temperature Converter
2021-12-10
KFD2-UT2-EX1-1 PF-KFD2-UT2-EX1-1 Datasheet
1Mb / 5P
Universal Temperature Converter
2021-11-25
KFD2-UT2-EX2-1 PF-KFD2-UT2-EX2-1 Datasheet
1Mb / 5P
Universal Temperature Converter
2021-11-25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com