Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3823 Datasheet(PDF) 1 Page - ams AG

Part # AS3823
Description  6-channel white LED controller for LCD backlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3823 Datasheet(HTML) 1 Page - ams AG

  AS3823 Datasheet HTML 1Page - ams AG AS3823 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
AS3823 LED Driver
6-channel white LED controller for LCD backlight
 
 
 
The AS3823 is a 6 channels precision LED controller for use in LCD backlight panels. Dynamic
power feedback controls the external power supply to guarantee best efficiency. Build in safety
features include thermal shutdown as well as open and short LED detection. The device is
programmable via serial interface.
Key Features
6 Channel LED driver
Output voltage only limited by external transistor
Output current only limited by external transistor
Linear current setting using 10-bit DAC
Current accuracy ±0.5% @ VDAC=250mV


Similar Part No. - AS3823

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
logo
Renesas Technology Corp
AS3824 RENESAS-AS3824 Datasheet
334Kb / 2P
16-Channel White LED Controller for LCD Backlight
Jul 17, 2024
More results

Similar Description - AS3823

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
1620G MICRO-ELECTRONICS-1620G Datasheet
37Kb / 1P
LED BACKLIGHT FOR LCD DISPLAY
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
WHITE SIDE BACKLIGHT FOR LCD DISPLAY
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
16 channel white LED controller for LCD backlight
logo
STMicroelectronics
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com