Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3823 Datasheet(PDF) 2 Page - ams AG

Part # AS3823
Description  6-channel white LED controller for LCD backlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3823 Datasheet(HTML) 2 Page - ams AG

  AS3823 Datasheet HTML 1Page - ams AG AS3823 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Facts
Compare All
Outputs [#]
6
LED current per output [mA]
depends on external FET
Features
enhanced digital feedback, 3D, DPLL
Error detection
√
Read-back
LED-to-LED matching [%]
0.2
Supply voltage [V]
4.0 to 5.5
Package
QFN32 (5x5)-0.5p
TQFP32 (7x7)-0.8p
 
Applications
The AS3823 is suitable for LED backlighting for LCD such as TV sets and monitors.
 
 
 
 
 
 
 
 
 
 
 
 
                http://ams.com/eng/Products/Power‐Management/Panel‐Backlight/AS3823 6‐12‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com