Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5140H Datasheet(PDF) 21 Page - ams AG

Part # AS5140H
Description  10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 21 Page - ams AG

Back Button AS5140H Datasheet HTML 17Page - ams AG AS5140H Datasheet HTML 18Page - ams AG AS5140H Datasheet HTML 19Page - ams AG AS5140H Datasheet HTML 20Page - ams AG AS5140H Datasheet HTML 21Page - ams AG AS5140H Datasheet HTML 22Page - ams AG AS5140H Datasheet HTML 23Page - ams AG AS5140H Datasheet HTML 24Page - ams AG AS5140H Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
ams Datasheet
Page 21
[v1-09] 2018-Feb-20
Document Feedback
AS5140H − Detailed Description
LSB Output (Step/Direction Mode)
Output LSB reflects the LSB (least significant bit) of the
programmed incremental resolution (OTP Register Bit Div0,
Div1). Output Dir provides information about the rotational
direction of the magnet, which may be placed above or below
the device (1=clockwise; 0=counter clockwise; top view). Dir is
updated with every LSB change. In both modes (quad A/B,
step/direction), the resolution and the index output are user
programmable. The index pulse indicates the zero position and
is by default one angular step (1LSB) wide. However, it can be
set to three LSBs by programming the Index-bit of the OTP
register accordingly (seeFigure 35).
Incremental Power-up Lock Option. After power-up, the
incremental outputs can optionally be locked or unlocked,
depending on the status of the CSn pin:
• CSn = low at power-up: CSn has an internal pull-up resistor
and must be externally pulled low (Rext ≤ 5KΩ). If Csn is
low at power-up, the incremental outputs (A, B, Index) will
be high until the internal offset compensation is finished.
This unique state (A=B=Index = high) may be used as an
indicator for the external controller to shorten the waiting
time at power-up. Instead of waiting for the specified
maximum power up-time (0), the controller can start
requesting data from the AS5140H as soon as the state
(A=B=Index = high) is cleared.
• CSn = high or open at power-up: In this mode, the
incremental outputs (A, B, Index) will remain at logic high
state, until CSn goes low or a low pulse is applied at CSn.
This mode allows intentional disabling of the incremental
outputs until, for example the system microcontroller is
ready to receive data.
Incremental Output Hysteresis
To avoid flickering incremental outputs at a stationary magnet
position, a hysteresis is introduced. In case of a rotational
direction change, the incremental outputs have a hysteresis of
2 LSB. Regardless of the programmed incremental resolution,
the hysteresis of 2 LSB always corresponds to the highest
resolution of 10 bit. In absolute terms, the hysteresis is set to
0.704 degrees for all resolutions. For constant rotational
directions, every magnet position change is indicated at the
incremental outputs (see Figure 27). For example, if the magnet
turns clockwise from position “x+3“ to “x+4“, the incremental
output would also indicate this position accordingly. A change
of the magnet’s rotational direction back to position “x+3”
means that the incremental output still remains unchanged for
the duration of 2 LSB, until position “x+2” is reached. Following
this direction, the incremental outputs will again be updated
with every change of the magnet position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com