Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5140H Datasheet(PDF) 39 Page - ams AG

Part # AS5140H
Description  10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 39 Page - ams AG

Back Button AS5140H Datasheet HTML 35Page - ams AG AS5140H Datasheet HTML 36Page - ams AG AS5140H Datasheet HTML 37Page - ams AG AS5140H Datasheet HTML 38Page - ams AG AS5140H Datasheet HTML 39Page - ams AG AS5140H Datasheet HTML 40Page - ams AG AS5140H Datasheet HTML 41Page - ams AG AS5140H Datasheet HTML 42Page - ams AG AS5140H Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
ams Datasheet
Page 39
[v1-09] 2018-Feb-20
Document Feedback
AS5140H − Detailed Description
Failure Diagnostics
The AS5140H also offers several diagnostic and failure
detection features, which are discussed in detail further in the
document.
Magnetic Field Strength Diagnosis
By Software: The MagINCn and MagDECn status bits will both
be high when the magnetic field is out of range.
By Hardware: Pins #1 (MagINCn) and #2 (MagDECn) are
open-drain outputs and will both be turned on (= low with
external pull-up resistor) when the magnetic field is out of
range. If only one of the outputs is low, the magnet is either
moving towards the chip (MagINCn) or away from the chip
(MagDECn).
Power Supply Failure Detection
By Software: If the power supply to the AS5140H is interrupted,
the digital data read by the SSI will be all “0”s. Data is only valid,
when bit OCF is high, hence a data stream with all “0”s is invalid.
To ensure adequate low levels in the failure case, a pull-down
resistor (~10kΩ) should be added between pin DO and VSS at
the receiving side.
By Hardware: The MagINCn and MagDECn pins are open drain
outputs and require external pull-up resistors. In normal
operation, these pins are high ohmic and the outputs are high
(see Figure 22). In a failure case, either when the magnetic field
is out of range or the power supply is missing, these outputs
will become low. To ensure adequate low levels in case of a
broken power supply to the AS5140H, the pull-up resistors
(>10kΩ) from each pin must be connected to the positive
supply at pin 16 (VDD5V).
By Hardware - PWM Output: The PWM output is a constant
stream of pulses with 1kHz repetition frequency. In case of
power loss, these pulses are missing.
By Hardware - Incremental Outputs: In normal operation, pins
A(#3), B(#4) and Index (#6) will never be high at the same time,
as Index is only high when A=B=low. However, after a
power-on-reset, if VDD is powered up or restarts after a power
supply interruption, all three outputs will remain in high state
until pin CSn is pulled low. If CSn is already tied to VSS during
power-up, the incremental outputs will all be high until the
internal offset compensation is finished (within tPwrUp).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com