Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5954 Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML5954
Description  ML5954 4-channel BTL driver for CD-ROM Driver & DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5954 Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML5954 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
_______________________________________________________________
ML5954
BTL Driver for CD-ROM Drivers & DVD Player
May, 2004 V1.0
Application Circuit
ML5954
DSP
M
M
5V or 12V
FOCUS COIL
TRACKING COIL
SLED MOTOR
LOADING
MOTOR
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Rd
Rd
12V
5V or 12V
Micro-controller
Precautions for use
(1) This IC has a built-in thermal shutdown circuit that mutes the output current when the chip temperature reached
175oC (Typ). The hysteresis is set to 25 oC (Typ.), so the driver circuits start up again when the chip temperature falls
to 150 oC (Typ.).
(2) The driver buffer is switched off when the supply voltage falls below 3.5V (Typ.), and is switched back on when the
voltage reaches 3.7V (Typ.) again.
(3) In case standby pin voltage under 1.4V or opened, quiescent current is muted. Standby pin voltage should be over
1.8V for normal application.
(4) Insert the by-pass capacitor between VCC-pin and GND-pin of the IC as near as possible (approximately 0.1uF)
(5) Heat dissipation fins are attached to the GND on the inside of the package. Make sure to connect these to the external
GND.
Supplement: (Current-feedback driver)
The transmission gain (output current/input voltage) is given by :
)
/
(
)
(
1
V
A
R
Rd
gm
WIRE
+
=
,where RWIRE is the total gold wire resistance inside the package (0.15Ω ± 0.05Ω) (Typ.).
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com