Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5954 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML5954
Description  ML5954 4-channel BTL driver for CD-ROM Driver & DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5954 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML5954 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
_______________________________________________________________
ML5954
BTL Driver for CD-ROM Drivers & DVD Player
May, 2004 V1.0
Pin Configuration
ML5954
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin Description
Pin
Pin Name
Function
Pin
Pin Name
Function
1
VINFC
Focus driver input
15
VOTK+
Tracking driver output (+)
2
CFCerr1
For connection of capacitor for the error
amp filter
16
VOTK-
Tracking driver output (-)
3
CFCerr2
For connection of capacitor for the error
amp filter
17
VOLD+
Loading driver output (+)
4
VINSL+
Op Amp input (+) for the sled driver
18
VOLD-
Loading driver output (-)
5
VINSL-
Op Amp input (-) for the sled driver
19
PGND
Ground for actuator driver block
6
VOSL
Op Amp output for the sled driver
20
VNFTK
Tracking driver feedback pin
7
VNFFC
Focus driver feedback pin
21
PVCC2
Power supply voltage for actuator driver
block
8
VCC
Supply voltage
22
GND
Ground
9
PVCC1
Power supply voltage for sled driver
block
23
VINLD
Loading driver input
10
PGND
Ground for sled driver block
24
CTKerr2
For connection of capacitor for the error
amp filter
11
VOSL-
Sled driver output (-)
25
CTKerr1
For connection of capacitor for the error
amp filter
12
VOSL+
Sled driver output (+)
26
VINTK
Tracking driver input
13
VOFC-
Focus driver output (-)
27
BIAS
Bias input
14
VOFC+
Focus driver output (+)
28
STBY
Standby control
Note 1: The indicated polarity for the output pins is defined under the inputs are (+) polarity. The output H bridge power
supply pins are PVCC2 for the focus & tracking channel, PVCC1 for the loading channel, and VCC for the pre-block and sled
channel. Always ensure that VCC ≤ PVCC1/2.
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com