Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB3202B2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # FB3202B2
Description  HART Transmitter Power Supply, Input Isolator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB3202B2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  FB3202B2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB3202B2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB3202B2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FB3202B2 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 (module) , a separate housing is required acc. to the system description
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 350 g
Dimensions
28 x 107 x 132 mm (1.1 x 4.2 x 5.2 inch)
Data for application in connection with hazardous areas
EU-type examination certificate
BVS 13 ATEX E 050 X
Marking
1
II 2(1) G Ex d [ia Ga] IIC T4 Gb
1
II (1) D [Ex ia Da] IIIC
Supply
Voltage
Uo
27 V
Current
Io
92 mA
Power
Po
619 mW (linear characteristic)
Connection 1-6
Voltage
8.9 V
Current
4 mA
Power
24 mW (trapezoid characteristic curve)
Input
Voltage
Uo
0.7 V
Current
Io
7 mA
Power
Po
5 mW (trapezoid characteristic curve)
Internal capacitance
Ci
242 nF
Internal inductance
Li
0 mH
Galvanic isolation
Input/power supply, internal bus
safe electrical isolation acc. to EN 60079-11:2007 , voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN IEC 60079-0:2018+AC:2020
EN 60079-1:2014
EN 60079-11:2012
International approvals
ATEX approval
BVS 13 ATEX E 050 X
General information
System information
The module has to be mounted in appropriate backplanes and housings (FB92**) in
Zone 1, 2, 21, 22 or outside hazardous areas (gas or dust). Here, observe the
corresponding EC-type examination certificate.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
HART Transmitter Power Supply, Input Isolator
FB3202B2
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com