Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB3202B2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FB3202B2
Description  HART Transmitter Power Supply, Input Isolator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB3202B2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FB3202B2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB3202B2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB3202B2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FB3202B2 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HART Transmitter Power Supply,
Input Isolator
FB3202B2
< 1-channel
< Input Ex ia
< Power supply for 2- or 3-wire transmitters with 4 mA ... 20 mA
< Module can be exchanged under voltage (hot swap)
< Installation in suitable enclosures in Zone 1
< Supply circuit 15 V (20 mA)
< Input from active signals of 4-wire transmitters
< HART communication via field bus or service bus
< HART communication also for separately powered devices
< Simulation mode for service operations (forcing)
< Line fault detection (LFD) and Live Zero monitoring
< Permanently self-monitoring
Function
The transmitter power supply feeds 2- and 3-wire transmitters.
Active signals from separately powered field devices and 4-wire transmitters can be connected.
Open-circuit, short-circuit, and Live Zero status are detected.
The intrinsically safe input is galvanically isolated from the bus and the power supply.
Connection
Zone 1
Zone 0, 20
mA
mA
+
-
+
+
+
-
-
+
-
2
3
1
5
6
4
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies FB92**
Power dissipation
0.75 W
Power consumption
1.1 W
Internal bus
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - FB3202B2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB3202B1 PF-FB3202B1 Datasheet
520Kb / 3P
HART Transmitter Power Supply, Input Isolator
More results

Similar Description - FB3202B2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB3202B1 PF-FB3202B1 Datasheet
520Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3204B2 PF-FB3204B2 Datasheet
618Kb / 4P
Transmitter Power Supply, Input Isolator
FB3205B2 PF-FB3205B2 Datasheet
619Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3205B3 PF-FB3205B3 Datasheet
864Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3302B2 PF-FB3302B2 Datasheet
512Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3305B2 PF-FB3305B2 Datasheet
598Kb / 3P
HART Transmitter Power Supply, Input Isolator
LB3002A2 PF-LB3002A2 Datasheet
534Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3005A2 PF-LB3005A2 Datasheet
643Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3102A2 PF-LB3102A2 Datasheet
565Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3105A2 PF-LB3105A2 Datasheet
643Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com