Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LDPDP14 Datasheet(PDF) 1 Page - IOGEAR

Part # G2LDPDP14
Description  DisplayPort 1.4 Male-to-Male 6 Ft. Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LDPDP14 Datasheet(HTML) 1 Page - IOGEAR

  G2LDPDP14 Datasheet HTML 1Page - IOGEAR G2LDPDP14 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G2LDPDP14
DisplayPort 1.4 Male-to-Male
6 Ft. Cable
Resolutions up to 8K (7680 x 4320)
DisplayPort 1.4 Compliant
MST Multi-Stream Transport
Supports 3D
Dynamic HDR
6 ft. DisplayPort 1.4 Cable
IOGEAR's DisplayPort 1.4 cable is perfect for 8K @60Hz Ultra High Definition (UHD) HDR deep color resolution connectivity from a
DisplayPort-enabled PC or laptop to today's high resolution displays with 32.4 Gbps bandwidth and 8.1 Gbps per lane. Supporting
the latest DisplayPort 1.4 specifications, IOGEAR’s DisplayPort cable delivers resolutions of up to 8K with full 7.1 multi-channel
digital audio (32 Channel 1536 kHz sampling rate).
Our quality-made cable features 28AWG copper wiring designed to deliver sharp, crystal clear picture and sound. The cable is fully
shielded to protect against Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). Locking connections resist
corrosion and ensure a secure connection with no signal loss when connected to your source/display.
Resolutions up to 8K (7680 x 4320) @60Hz and 4K @120Hz
DisplayPort 1.4 Compliant
MST Multi-Stream Transport
Supports 3D
Dynamic HDR
32 Channel Audio 1536 kHz
32.4 Gbps Bandwidth
Supports DPCP and HDCP
Locking cable connector ensures a secure connection to the source &
display
Shielded cable construction reduces electromagnetic (EFI) and radio
interference (RFI)


Similar Part No. - G2LDPDP14

ManufacturerPart #DatasheetDescription
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
More results

Similar Description - G2LDPDP14

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
logo
List of Unclassifed Man...
ACB-2RCAMJ-0006 ETC2-ACB-2RCAMJ-0006 Datasheet
78Kb / 1P
Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
logo
Molex Electronics Ltd.
0687830078 MOLEX1-0687830078 Datasheet
41Kb / 1P
DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 1.0m Length, Black
0687830079 MOLEX1-0687830079 Datasheet
41Kb / 1P
DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 2.0m Length, Black
0687830080 MOLEX1-0687830080 Datasheet
40Kb / 1P
DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 3.0m Length, Black
0687830078 MOLEX10-0687830078_V01 Datasheet
41Kb / 1P
DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 1.0m Length, Black
0687830079 MOLEX10-0687830079_V01 Datasheet
41Kb / 1P
DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 2.0m Length, Black
0687830080 MOLEX10-0687830080_V01 Datasheet
41Kb / 1P
DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 3.0m Length, Black
logo
IOGEAR
G2LVGA006 IOGEAR-G2LVGA006 Datasheet
128Kb / 2P
Ultra-Hi-Grade VGA Male to Male Cable (6 ft)
logo
Tripp Lite. All Rights ...
P580-006-V4 TRIPPLITE-P580-006-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 6 ft. (1.8m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com