Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LDPDP14 Datasheet(PDF) 2 Page - IOGEAR

Part # G2LDPDP14
Description  DisplayPort 1.4 Male-to-Male 6 Ft. Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LDPDP14 Datasheet(HTML) 2 Page - IOGEAR

  G2LDPDP14 Datasheet HTML 1Page - IOGEAR G2LDPDP14 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Display:
1 DisplayPort Input
Media Source:
1 DisplayPort Output
Package Contents
1 x DisplayPort Male-to-Male Cable - 6 f t.
Specifications
Function
G2LDPDP14
Cable Connections
Input
DisplayPort Male
Output
DisplayPort Male
Cable Distance
6 ft.
Cable Type
DisplayPort 1.4
Transfer Rate
32.4 Gbps/8.1 per lane
Video Resolution
7680 x 4320 @60Hz
Warranty
Limited Lifetime
Audio
Sample Rate
32 Channels 1536 kHz
Dimensions
G2LDPDP14
POP Information
10'' Peg Hook
20
6'' Peg Hook
12
Unit Dimensions
Height
0.5"
Length
5.31"
Depth
6.50"
Unit Package Dimensions
Height
9.75"
Width
6.75"
Depth
0.5"
Master Carton
Height
7.38"
Width
19.50"
Depth
11.50"
Master Carton Qty.
48
Weight
Master Carton Wt.
10.85lb
Unit Pack Wt.
0.15lb
Unit Wt.
0.20lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com