Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDP14SW2 Datasheet(PDF) 1 Page - IOGEAR

Part # GDP14SW2
Description  2-Port 8K DisplayPort 1.4 Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDP14SW2 Datasheet(HTML) 1 Page - IOGEAR

  GDP14SW2 Datasheet HTML 1Page - IOGEAR GDP14SW2 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDP14SW2
2-Port 8K DisplayPort 1.4
Switch
Switch between 2 sources to a single display.
This DP switch provides bandwidth data transmission up to
32.4Gbps.
Ultra-High resolution supporting 8K @60Hz.
Supports 1440 resolution.
Supports 3D resolution and HD audio.
Easily Switch Between Two DisplayPort Sources
The IOGEAR 2-Port 8K DisplayPort Switch (GDP14SW2) offers smooth, quick switching between 2 DisplayPort video sources such
as a computer and a single DisplayPort monitor or display. Send crystal clear, 8K video resolutions up to 7,680 x 4,320 @60Hz with
uncompressed HD audio for any variety of uses including home theater, in lobbies and conference rooms and for digital signage.
Explore the Potential of 8K
Take advantage of future 8K @60Hz resolutions with the 2-Port 8K DisplayPort Switch. In addition to 8K, the switch supports up to
4K @120Hz, 1080P @240Hz and 3D resolutions for virtual reality and mixed reality applications. The switch provides high bandwidth
data transmission up to 32.4Gbps. Note to achieve the high transmission rate, a standard DisplayPort 1.4 cables must be used.
Plug-and-Play Design
The 2-Port DisplayPort switch is easy to setup and operate with no software required. An included external power is required for the
DisplayPort switch.
Switch between 2 sources to a single display.
This DP switch provides bandwidth data transmission up to
32.4Gbps.
Ultra-High resolution supporting 8K @60Hz.
Supports 1440 resolution.
Supports 3D resolution and HD audio.
Supports HDR10.
Plug-n-Play, no software required.


Similar Part No. - GDP14SW2

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GDP14AOC20 IOGEAR-GDP14AOC20 Datasheet
144Kb / 2P
8K DisplayPort Optical Cable 50 ft.
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
More results

Similar Description - GDP14SW2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
logo
Diodes Incorporated
PI3WVR13612 DIODES-PI3WVR13612 Datasheet
554Kb / 1P
DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
logo
Tripp Lite. All Rights ...
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
P580-006-V4 TRIPPLITE-P580-006-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 6 ft. (1.8m)
P580-010-V4 TRIPPLITE-P580-010-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 10 ft. (3.1m)
P580-015-V4 TRIPPLITE-P580-015-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 15 ft. (4.57m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com