Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDP14SW2 Datasheet(PDF) 2 Page - IOGEAR

Part # GDP14SW2
Description  2-Port 8K DisplayPort 1.4 Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDP14SW2 Datasheet(HTML) 2 Page - IOGEAR

  GDP14SW2 Datasheet HTML 1Page - IOGEAR GDP14SW2 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
DisplayPort source and
display
Package Contents
1 x Switch
1 x USB Power Cable
Specifications
Function
GDP14SW2
Switches
Display Resolution
Max 8K @60Hz
Connectors (Input)
DisplayPort
Connectors (Output)
DisplayPort
Environment
Operation Temperature
32ºF~104ºF (0ºC~40ºC)
Storage Temperature
-4ºF~140ºF (-20ºC~60ºC)
Humidity
20~90% RH (Non Condensing)
Housing
Case
Metal
LEDs
Port Status
2
Power
Amps
0.5 A
Voltage
5V
Dimensions
GDP14SW2
POP Information
10'' Peg Hook
5
Unit Dimensions
Height
0.71 in
Length
3.25 in
Width
2.50 in
Unit Package Dimensions
Height
1.50 in
Length
5.0 in
Width
4.50 in
Master Carton
Height
7 in
Length
12 in
Width
13.75 in
Master Carton Qty.
24
Weight
Master Carton Wt.
10.80 lb
Unit Pack Wt.
0.4 lb
Unit Wt.
0.20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com