Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPDVI4KA Datasheet(PDF) 1 Page - IOGEAR

Part # GDPDVI4KA
Description  Active DisplayPort to DVI Adapter - 4K 30Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPDVI4KA Datasheet(HTML) 1 Page - IOGEAR

  GDPDVI4KA Datasheet HTML 1Page - IOGEAR GDPDVI4KA Datasheet HTML 2Page - IOGEAR GDPDVI4KA Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GDPDVI4KA
Active DisplayPort to DVI
Adapter - 4K 30Hz
Active DisplayPort to DVI Conversion
4K (3840 x 2160) @30Hz
DisplayPort 1.2 compliant
Plug-N-Play
Active vs. Passive Adapter: Which one do I need?
A passive adapter is the most basic type of DisplayPort to DVI adapter that is available. A passive DisplayPort video adapter allows
the Graphics Processing Unit (GPU) to communicate with any DVI monitor that does not support the DisplayPort video output on the
computer.
In contrast, IOGEAR's Active DisplayPort to DVI adapter will actively convert the display's DVI signal into a DisplayPort signal for
your GPU to interpret. These active adapters are required when connecting more than 2 displays to a video card such as an AMD
Radeon™ GPU that supports Eyefinity technology. The native DisplayPort signals are able to be recognized and controlled by the
GPU, ensuring all the connected monitors are synchronized.
Active DisplayPort to DVI Video Adapter
IOGEAR's Active DisplayPort to DVI adapter is the ideal hardware solution to convert any DisplayPort output to an DVI output. This
allows you to connect your DisplayPort equipped video source (i.e. Computer, Laptop or DisplayPort Graphics Card) to a DVI based
monitor, projector or HDTV. The built-in chipset actively communicates with the GPU for a synchronized display working in harmony
with your computer.
Active DisplayPort to DVI Video Adapter
Compatible with AMD® Radeon™ Eyefinity Graphics Processing Units
(GPUs)
DisplayPort 1.2 compliant
Supports DVI resolutions up to 3840x2160 @30Hz
Plug-N-Play solution - No software or driver installation necessary
Powered by DisplayPort output - No external power adapter needed


Similar Part No. - GDPDVI4KA

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GDPDVIW6 IOGEAR-GDPDVIW6 Datasheet
136Kb / 2P
DisplayPort to DVI Adapter Cable
More results

Similar Description - GDPDVI4KA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P581-006-V2 TRIPPLITE-P581-006-V2 Datasheet
497Kb / 2P
DisplayPort 1.2 to DVI Active Adapter Cable, DP with Latches to DVI (M/M), 1920x1200/1080p, 6 ft.
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P134-000-DVI-V2 TRIPPLITE-P134-000-DVI-V2 Datasheet
167Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI Female)
logo
Vecow Co., Ltd.
IVH-9204MX VECOW-IVH-9204MX Datasheet
443Kb / 2P
DVI-I, DVI-D & DisplayPort interfaces, up to 4K display
logo
IOGEAR
GDPDVIW6 IOGEAR-GDPDVIW6 Datasheet
136Kb / 2P
DisplayPort to DVI Adapter Cable
GMDPDVIW6 IOGEAR-GMDPDVIW6 Datasheet
131Kb / 2P
Mini DisplayPort to DVI Adapter Cable
GDPHD4KA IOGEAR-GDPHD4KA Datasheet
152Kb / 3P
4K Active DisplayPort (M) to HDMI짰 Interface (F) Adapter
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com