Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPDVI4KA Datasheet(PDF) 3 Page - IOGEAR

Part # GDPDVI4KA
Description  Active DisplayPort to DVI Adapter - 4K 30Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPDVI4KA Datasheet(HTML) 3 Page - IOGEAR

  GDPDVI4KA Datasheet HTML 1Page - IOGEAR GDPDVI4KA Datasheet HTML 2Page - IOGEAR GDPDVI4KA Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GDPDVI4KA
Video connections
Input
DisplayPort Male 20-pin
Output
DVI Female (24+5)
Resolution
4K@30HZ
Environment
Operation Temperature
0? to 70?
Storage Temperature
- 10? to 80?
Power Consumption
1W
Dimensions
GDPDVI4KA
Unit Dimensions
Height
0.875" (2.2cm)
Depth
0.5" (1.3cm)
Length
6.875" (17.5cm)
Inner Pack
Width
8.75" (22.2cm)
Height
4.5" (11.4cm)
Length
9.5" (24.1cm)
Inner Pack Qty.
12
Unit Package Dimensions
Width
4" (10.2cm)
Height
10.25" (26.03cm)
Depth
0.5" (1.3.cm)
Master Carton
Width
10.375" (26.3cm)
Height
9.75" (24.8cm)
Depth
18.125" (46.04cm)
Master Carton Qty.
48
Weight
Master Carton Wt.
4.65lb (2.1kg)
Inner Pack Wt.
0.85lb (0.4kg)
Unit Pack Wt.
0.05lb (0.02kg)
Unit Wt.
0.05lb (0.02kg)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com