Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPHD4KA Datasheet(PDF) 1 Page - IOGEAR

Part # GDPHD4KA
Description  4K Active DisplayPort (M) to HDMI짰 Interface (F) Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPHD4KA Datasheet(HTML) 1 Page - IOGEAR

  GDPHD4KA Datasheet HTML 1Page - IOGEAR GDPHD4KA Datasheet HTML 2Page - IOGEAR GDPHD4KA Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GDPHD4KA
4K Active DisplayPort (M) to
HDMI® Interface (F) Adapter
Active DisplayPort® to HDMI® Interface Video & Audio Adapter
The IOGEAR 4K Active DisplayPort (M) to HDMI Interface (F) Adapter is the ideal hardware solution to convert any DisplayPort
output to an HDMI interface output. This allows you to connect your DisplayPort-equipped video source (i.e. Computer, Laptop or
DisplayPort Graphics Card) to a HDMI-based display, projector or HDTV.
DisplayPort 1.2 & 4K Ultra High Definition Video Resolution Support
The 4K Active DisplayPort (M) to HDMI Interface (F) Adapter is the latest DisplayPort 1.2 standard for UHD (Ultra HD) video
playback, with resolutions of up to 3840 x 2160 @30Hz. This results in the highest level of visual fidelity currently available on HDMI
equipped displays on the consumer market; giving you the ability to display 4K content from your DisplayPort-equipped device on the
latest HDMI-equipped UHD televisions, projectors and displays.
High Definition, Multi-Channel Audio Pass Through
The DisplayPort video standard found on all current generation DisplayPort devices, supports audio via the DisplayPort output. The
GDPHD4KA Active DisplayPort to HDMI Adapter supports multi-channel digital audio signal pass-through, preventing the need to
carry an additional audio cable when connecting to an external display with audio playback support.
Active DisplayPort to HDMI Video and Audio Adapter
Supports 4K Ultra High Definition (UHD) resolutions of up to
3840x2160 @30Hz
Supports up to 8 Channels of LPCM and High Bit Rate (HBR) audio
formats
Compatible with AMD® Radeon™ Eyefinity Graphics Processing Units
(GPUs)
DisplayPort 1.2 and HDCP Compliant
Supports DisplayPort Content Protection (DPCP) and High Definition
Content Protection Compliant (HDCP)
Plug-N-Play Solution, No Software or Driver installation necessary
Powered by DisplayPort Output- No external power adapter needed


Similar Part No. - GDPHD4KA

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GDPHDW6 IOGEAR-GDPHDW6 Datasheet
144Kb / 3P
DisplayPort to HD Adapter
More results

Similar Description - GDPHD4KA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134-000VGAV2BP TRIPPLITE-P134-000VGAV2BP Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Compact Adapter, DisplayPort to HD15 (M/F), 1080p, 50 Pack
P134-06N-VGA TRIPPLITE-P134-06N-VGA Datasheet
158Kb / 2P
DisplayPort to VGA Active Cable Adapter, 1920x1200/1080p (M/F), 6-in.
P136-06N-H2V2LB TRIPPLITE-P136-06N-H2V2LB Datasheet
166Kb / 2P
DisplayPort to HDMI 2.0 Active Adapter - M/F, Latching Connector, 4K @ 60 Hz, 6 in., Black
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P567-01M TRIPPLITE-P567-01M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 1 m (3.3 ft.)
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
GHDCPLRW6 IOGEAR-GHDCPLRW6 Datasheet
132Kb / 2P
HDMI짰 (F) to HDMI (F) Coupler with 4K Support
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com