Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPHD4KA Datasheet(PDF) 3 Page - IOGEAR

Part # GDPHD4KA
Description  4K Active DisplayPort (M) to HDMI짰 Interface (F) Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPHD4KA Datasheet(HTML) 3 Page - IOGEAR

  GDPHD4KA Datasheet HTML 1Page - IOGEAR GDPHD4KA Datasheet HTML 2Page - IOGEAR GDPHD4KA Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GDPHD4KA
Operating Temperature
32~158°F (0~70°C)
Storage Temperature
14~176°F (-10~80°C)
Connectors
Video Input
DisplayPort Male 20 Pin
Video Output
HDMI Interface (F) Type A 19 Pin
Video Resolution
Up to 4K@30Hz
Power Consumption
1W
Humidity
Operating: 10-85% RH (Non Condensing),
Storage: 5-90% RH (Non Condensing)
Cable Length
3.375" (8.6cm)
Dimensions
GDPHD4KA
Unit Dimensions
Height
0.875" (2.2cm)
Length
7.125" (18.1cm)
Depth
0.5" (1.3cm)
Inner Pack
Height
4.5" (11.4cm)
Length
9.5" (24.1cm)
Width
8.75" (22.2cm)
Inner Pack Qty.
12
Unit Package Dimensions
Height
10.375" (26.3cm)
Width
4" (10.2cm)
Depth
0.5" (1.3cm)
Master Carton
Height
9.75" (24.8cm)
Width
10.375" (26.3cm)
Depth
18.125" (46.04cm)
Master Carton Qty.
48
Weight
Master Carton Wt.
5.4lb (2.5kg)
Inner Pack Wt.
1.0lb (0.5kg)
Unit Pack Wt.
0.05lb (0.02kg)
Unit Wt.
0.05lb (0.02kg)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com