Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSP2KIT Datasheet(PDF) 1 Page - IOGEAR

Part # GDPSP2KIT
Description  2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub w/Cables Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPSP2KIT Datasheet(HTML) 1 Page - IOGEAR

  GDPSP2KIT Datasheet HTML 1Page - IOGEAR GDPSP2KIT Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDPSP2KIT
2-Port DisplayPort 1.2
Cinema 4K Splitter & Multi-
Monitor MST Hub w/Cables
Kit
Connect 2 independent displays from a single DisplayPort 1.2
video output
Mirror or extend a desktop across 2 displays from a computer
with 1 DisplayPort output
Enjoy Cinema 4K video resolutions up to 4096 x 2160 @60Hz
With DisplayPort 1.2 Graphic Cards:
2 Monitors: Up to 4K 4096 x 2160
@60Hz (DisplayPort/HDMI)
Supports 7.1 digital audio surround sound
2-Port DisplayPort Cinema 4K Splitter and MST Hub with cables
Connect two displays from a single DisplayPort 1.2-enabled computer with the IOGEAR 2-Port DisplayPort Splitter/MST Hub.
Increase productivity and workflow by expanding the amount of usable screen space on two independent screens for multi-document
viewing, media streaming, and content/web browsing, or mirror your computer's display across two monitors to allow remote viewing
applications such as monitoring equipment diagnostics or the status of a remote server. The kit comes complete with two DisplayPort
cables for a trouble-free installation.
Cinema 4K Video Support
IOGEAR's 2-Port DisplayPort 1.2 Splitter and MST Hub supports Cinema 4K resolutions up to 4096 x 2160 @60Hz and is ideal for
use with applications such as medical imaging, graphic design, gaming, and more.
Connect 2 independent displays from a single DisplayPort 1.2 video
output
Mirror or extend a desktop across 2 displays from a computer with 1
DisplayPort output
Enjoy Cinema 4K video resolutions up to 4096 x 2160 @60Hz
With DisplayPort 1.2 Graphic Cards:
2 Monitors: Up to 4K 4096 x 2160 @60Hz (DisplayPort/HDMI)
Supports 7.1 digital audio surround sound
Push-button toggle between Single Stream Transport (SST) and Multi-
Stream Transport (MST)
DPCP & HDCP compliant
No driver or software installation needed
Supports DisplayPort 1.2a; HDCP 1.3
Complete with cables


Similar Part No. - GDPSP2KIT

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GDPSP2 IOGEAR-GDPSP2 Datasheet
178Kb / 3P
2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub
More results

Similar Description - GDPSP2KIT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B156002 TRIPPLITE-B156002 Datasheet
509Kb / 3P
2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
B155-002-DP-V2 TRIPPLITE-B155-002-DP-V2 Datasheet
500Kb / 3P
2-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-003-DP-V2 TRIPPLITE-B155-003-DP-V2 Datasheet
511Kb / 3P
3-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-HD-V2 TRIPPLITE-B156-002-HD-V2 Datasheet
498Kb / 3P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-V2 TRIPPLITE-B156-003-V2 Datasheet
498Kb / 3P
3-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-V2 TRIPPLITE-B156-002-V2 Datasheet
521Kb / 3P
2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-004-V2 TRIPPLITE-B156-004-V2 Datasheet
517Kb / 3P
4-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-DVI-V2 TRIPPLITE-B156-002-DVI-V2 Datasheet
510Kb / 3P
2-Port DisplayPort 1.2 to DVI Multi-Stream Transport (MST) Hub, 1920 x 1080 (1080p)
logo
IOGEAR
GDPSP2 IOGEAR-GDPSP2 Datasheet
178Kb / 3P
2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub
GHSP8422BKIT IOGEAR-GHSP8422BKIT Datasheet
155Kb / 2P
2-Port Cinema 4K Splitter with HDMI connectors Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com