Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSP2KIT Datasheet(PDF) 2 Page - IOGEAR

Part # GDPSP2KIT
Description  2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub w/Cables Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPSP2KIT Datasheet(HTML) 2 Page - IOGEAR

  GDPSP2KIT Datasheet HTML 1Page - IOGEAR GDPSP2KIT Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Hardware:
Computer with DisplayPort 1.2 compatible graphics card
2 Monitors with DisplayPort ports
Package Contents
1 x GDPSP2 2-Port DisplayPort Splitter/MST Hub
1 x Power Adapter
2 x DisplayPort Cables
1 x Quick Start Guide
1 x Warranty Card
Specifications
Function
GDPSP2KIT
Cable Connections
Input
DisplayPort 1.2
Output
DisplayPort 1.2
Connectors
Video Input
1 x DisplayPort Female
Video Output
2 x DisplayPort Female
Data Rate
Up to 5.4Gbps
Environment
Operation Temperature
32ºF~104ºF (0ºC~40ºC)
Storage Temperature
-4ºF~140ºF (-20ºC~60ºC)
Humidity
20~90% RH (Non Condensing)
Housing
Case
Metal
LEDs
Input
1
Output
2
Power
Amps
2A
Voltage
DC 5V
Video Resolution
Up to 4K@60Hz
Audio
Codec
2-Ch LPCM / AC3 / DTS
Sample Rate
32-192kHz
Dimensions
GDPSP2KIT
Unit Dimensions
Height
1" (2.5 cm)
Depth
4.4" (11.1 cm)
Length
3" (7.6 cm)
Unit Package Dimensions
Width
9.4" (23.8 cm)
Height
2.32" (5.9 cm)
Depth
6.3" (16 cm)
Weight
Unit Pack Wt.
1.3 lb (0.6 kg)
Unit Wt.
0.45 lb (0.2 kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com