Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHDMDPF Datasheet(PDF) 1 Page - IOGEAR

Part # GHDMDPF
Description  HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDMDPF Datasheet(HTML) 1 Page - IOGEAR

  GHDMDPF Datasheet HTML 1Page - IOGEAR GHDMDPF Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHDMDPF
HDMI® (M) to DisplayPort
(F) Adapter; 4K @30Hz
HDMI® to DisplayPort Adapter
Stream high-definition audio and video from your source such as a PC, Blu-ray player or satellite box to your TV or projector.
4K Ultra High Definition Video Resolution
The HDMI to DisplayPort Adapter supports the 1.2 DP standard for Ultra High Definition video playback at a maximum resolution of
3840 x 2160.
Plug-N-Play
The user-friendly adapter requires no installation software and is completely Plug-N-Play.
Note: This product is not bi-directional and will require a different adapter, part # GDPHD4KA, if you want to connect a DisplayPort
video source to an HDMI TV or projector.
Connect any HDMI video source to a DisplayPort monitor using your
existing cable
Connect your DisplayPort monitor from your HDMI-equipped laptop,
desktop or Blu-ray player
USB powered with USB cable extender, offering the perfect solution
for professionals on the go
4K Ultra HD resolutions up to 3840 x 2160 @30Hz
USB cable included for powering up adapter
Plug-n-Play - no drivers or software required


Similar Part No. - GHDMDPF

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GHDMDVIF IOGEAR-GHDMDVIF Datasheet
123Kb / 3P
HD Male to DVI Female Adapter
More results

Similar Description - GHDMDPF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P13906NDP TRIPPLITE-P13906NDP Datasheet
473Kb / 2P
Mini DisplayPort to DisplayPort Cable Adapter,Video Converter, 2560x1600 (M-F)
U444-06N-HD-AM TRIPPLITE-U444-06N-HD-AM Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatible, 4K @24/25/30Hz
P134-003-MDP TRIPPLITE-P134-003-MDP Datasheet
168Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz, (M/F), 3 ft.
P134-06N-MDP TRIPPLITE-P134-06N-MDP Datasheet
169Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz (M/F), 6 in.
U444-06N-DP4K6B TRIPPLITE-U444-06N-DP4K6B Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
P583-003 TRIPPLITE-P583-003 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 3 ft.
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
GDPHD4KA IOGEAR-GDPHD4KA Datasheet
152Kb / 3P
4K Active DisplayPort (M) to HDMI짰 Interface (F) Adapter
GHDCPLRW6 IOGEAR-GHDCPLRW6 Datasheet
132Kb / 2P
HDMI짰 (F) to HDMI (F) Coupler with 4K Support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com