Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHDMDPF Datasheet(PDF) 2 Page - IOGEAR

Part # GHDMDPF
Description  HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDMDPF Datasheet(HTML) 2 Page - IOGEAR

  GHDMDPF Datasheet HTML 1Page - IOGEAR GHDMDPF Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
HDMI output port
from source
USB-A power source
port
DisplayPort input port
from display
Package Contents
1 x HDMI to DisplayPort
Adapter
1 x USB-A to USB-A
Extender
Specifications
Function
GHDMDPF
Video connections
Input
HDCP compatible
Output
DisplayPort 1.2
Video Resolution
4K x 2K @ 30Hz, 1920 x 1080 @ 120Hz
Environment
Operation Temperature
0° - 60°C
Storage Temperature
-10°C - 80°C
Power Consumption
<500 mA
Dimensions
GHDMDPF
POP Information
10'' Peg Hook
19
Unit Dimensions
Height
0.75"
Length
9.50"
Depth
0.50"
Inner Pack
Height
4.33" (11cm)
Length
8.66" (22cm)
Width
9.44" (24cm)
Inner Pack Qty.
12
Unit Package Dimensions
Height
3.875"
Width
0.50"
Depth
7.50"
Master Carton
Height
9.45" (24cm)
Width
18.11" (46cm)
Depth
10.23" (26cm)
Master Carton Qty.
48
Weight
Master Carton Wt.
9.92 lb
Unit Pack Wt.
0.15lb
Unit Wt.
0.15lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com