Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P/KDX Datasheet(PDF) 42 Page - Microchip Technology

Part # USB7252P/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P/KDX Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB7252P/KDX Datasheet HTML 38Page - Microchip Technology USB7252P/KDX Datasheet HTML 39Page - Microchip Technology USB7252P/KDX Datasheet HTML 40Page - Microchip Technology USB7252P/KDX Datasheet HTML 41Page - Microchip Technology USB7252P/KDX Datasheet HTML 42Page - Microchip Technology USB7252P/KDX Datasheet HTML 43Page - Microchip Technology USB7252P/KDX Datasheet HTML 44Page - Microchip Technology USB7252P/KDX Datasheet HTML 45Page - Microchip Technology USB7252P/KDX Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
USB7252P
DS00003561A-page 42
2018 - 2020 Microchip Technology Inc.
8.5
PortSplit
The PortSplit feature allows the USB 2.0 and USB 3.2 PHYs associated with a downstream port to be operationally sep-
arated. The intention of this feature is to allow a system designer to connect an embedded USB 3.x device to the USB
3.2 PHY, while allowing the USB 2.0 PHY to be used as either a standard USB 2.0 port or with a separate embedded
USB 2.0 device. PortSplit can be configured via OTP/SMBus. By default, all ports are configured to non-split mode.
When PortSplit is disabled on a specific port, the corresponding
PRT_CTLx pin controls both the USB 2.0 and USB 3.2
portions of the port (port power and overcurrent condition). When PortSplit is enabled on a specific port, the corre-
sponding
PRT_CTLx pin controls the USB 2.0 portion of the port, and the corresponding PRT_CTLx_U3 pin controls
the USB 3.2 portion of the port.
8.6
FlexConnect
The device allows the upstream port to be swapped with any downstream port, enabling any USB port to assume the
role of USB host at any time during hub operation. This host role exchange feature is called FlexConnect. Additionally,
the USB 2.0 ports can be flexed independently of the USB 3.2 ports.
This functionality can be used in two primary ways:
1.
Host Swapping: This functionality can be achieved through a hub wherein a host and device can agree to swap
the host/device relationship; The host becomes a device, and the device becomes a host.
2.
Host Sharing: A USB ecosystem can be shared between multiple hosts. Note that only 1 host may access to
the USB tree at a time.
FlexConnect can be enabled through any of the following three methods:
•
I2C Control: The embedded I2C slave can be used to control the state of the FlexConnect feature through basic
write/read operations.
•
USB Command: FlexConnect can be initiated via a special USB command directed to the hub’s internal Hub
Feature Controller device.
•
Direct Pin Control: Any available GPIO pin on the hub can be assigned the role of a FlexConnect control pin.
For detailed information on utilizing the FlexConnect feature, refer to the application note “USB720x/USB725x FlexCon-
nect Operation”, which can be found on the Microchip USB7252P product page at www.microchip.com/USB7252P.
8.7
Multi-Host Endpoint Reflector
The internal Multi-Host Endpoint Reflector allows for smart-phone automotive mode sessions to be entered on the
downstream ports. The device supports the Multi-Host Endpoint Reflector on downstream ports.
The Multi-Host Endpoint Reflector uses standard Network Control Model (NCM v1.0) device protocol, which is a sub-
class of Communication Device Class (CDC) group of protocols. Standard NCM USB drivers may be utilized; No custom
drivers are required.
A Multi-Host Endpoint Reflector session may be entered on only 1 downstream port at a time. Entry into Multi-Host mode
is initiated via a no data Control USB transfer addressed to the internal Hub Feature Controller device in the hub.
The USB7252P has two internal USB devices. The Multi-Host Endpoint Reflector is a Composite iAP and NCM device.
The Hub Feature Controller is a Generic USB Device Class device which enables the USB bridging functions.
The hub ports which are connected to both the Multi-Host Endpoint Reflector and Hub Feature Controller are both con-
figured as non-removable.
For detailed information on utilizing the multi-host endpoint reflector feature, refer to the application note “USB7202/
USB725x Multi-Host Endpoint Reflector Operation”, which can be found on the Microchip USB7252P product page at
www.microchip.com/USB7252P.
Note:
Direct Pin Control is only available in CFG_STRAP Mode 4 - GPIO/FlexConnect. Refer to Section 3.3.4,
PF[31:2] Configuration (CFG_STRAP[2:1]) for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com