Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P/KDX Datasheet(PDF) 48 Page - Microchip Technology

Part # USB7252P/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P/KDX Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB7252P/KDX Datasheet HTML 44Page - Microchip Technology USB7252P/KDX Datasheet HTML 45Page - Microchip Technology USB7252P/KDX Datasheet HTML 46Page - Microchip Technology USB7252P/KDX Datasheet HTML 47Page - Microchip Technology USB7252P/KDX Datasheet HTML 48Page - Microchip Technology USB7252P/KDX Datasheet HTML 49Page - Microchip Technology USB7252P/KDX Datasheet HTML 50Page - Microchip Technology USB7252P/KDX Datasheet HTML 51Page - Microchip Technology USB7252P/KDX Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
USB7252P
DS00003561A-page 48
2018 - 2020 Microchip Technology Inc.
9.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
TABLE 9-2:
DEVICE POWER CONSUMPTION
Typical (mA) @ 25°C
Typical Power
VCORE
VDD33
(mW)
Global Suspend
9.9
13
54
VBUS Off
9.9
12.9
54
Reset
4.2
0.2
5
Data for Calculating Active Transfer Current
Upstream Port Link Speed Base Currents
SS+ Current
410
30.8
SS Current
370
27.3
HS Current
58
19.7
Additional Current Per Enabled Port
SS+ Current
179
11.1
SS Current
143
9.1
HS Current
1
10.8
Example Active Data Transfer Current Calculation: 1 SS+ Port and 2 HS Ports
Active Data Transfer Current (mA @ 3.3V)
{30.8} + {1 * 11.1} + {2 * 10.8} = 63.5
Active Data Transfer Current (mA @ 1.15V)
{410} + {1 * 179} + {2 * 1} = 591
Note:
In the Active Idle and Active Data Transfer sections of Table 9-2, the various port configurations are indi-
cated via the following acronyms:
SS+ = USB 3.2 SuperSpeed+ (Gen 2)
SS = USB 3.2 SuperSpeed (Gen 1)
HS = USB 2.0 High Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com