Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252T/KDX Datasheet(PDF) 1 Page - Microchip Technology

Part # USB7252T/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252T/KDX Datasheet(HTML) 1 Page - Microchip Technology

  USB7252T/KDX Datasheet HTML 1Page - Microchip Technology USB7252T/KDX Datasheet HTML 2Page - Microchip Technology USB7252T/KDX Datasheet HTML 3Page - Microchip Technology USB7252T/KDX Datasheet HTML 4Page - Microchip Technology USB7252T/KDX Datasheet HTML 5Page - Microchip Technology USB7252T/KDX Datasheet HTML 6Page - Microchip Technology USB7252T/KDX Datasheet HTML 7Page - Microchip Technology USB7252T/KDX Datasheet HTML 8Page - Microchip Technology USB7252T/KDX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 1
USB7252
Highlights
• 4-Port USB Smart Hub with:
- USB Gen 2 Type-B® on upstream port
- Native USB Gen 2 Type-C with Power Delivery PD
support on downstream ports 1 and 2®
- One Standard USB 3.2 Gen 2 downstream port
- One Standard USB 2.0 downstream port
- Internal Hub Feature Controller enables:
- USB to I2C/SPI/UART/I2S/GPIO bridge endpoint-
support
- USB to internal hub register write and read
• USB Link Power Management (LPM) support
• Programming of firmware image to external SPI
memory device from USB host
• USB-IF Battery Charger revision 1.2 support on
downstream ports (DCP, CDP, SDP)
• Enhanced OEM configuration options available
through either OTP or external SPI memory
• Available in 100-pin (12mm x 12mm) VQFN
RoHS compliant package
• Commercial and industrial grade temperature
support
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 2 Peripherals
Key Benefits
• USB 3.2 Gen 2 compliant 10 Gbps, 5 Gbps,
480 Mbps, 12 Mbps, and 1.5Mbps operation
- 5V tolerant USB 2.0 pins
- 1.21V tolerant USB 3.2 Gen 2 pins
- Integrated termination and pull-up/down resistors
• Native USB Type-C Support
- Type-C CC Pin with integrated Rp and Rd resistors
- Integrated multiplexer on USB Type-C enabled
ports. USB 3.2 Gen 2 PHYs are disabled until a
valid Type-C attach is detected, saving idle power.
Control for external VCONN supply
* USB Type-C® and USB-C® are registered trademarks of USB Implement-
ers Forum
• Supports battery charging of most popular battery
powered devices on all ports
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
- Apple® portable product charger emulation
- Chinese YD/T 1591-2006/2009 charger emulation
- European Union universal mobile charger support
- Supports additional portable devices
• On-chip Microcontroller
- manages I/Os, VBUS, and other signals
• 96kB RAM, 256kB ROM
• 8kB One-Time-Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP Memory, SPI
external memory, or SMBus
• FlexConnect
- The roles of the upstream and all downstream
ports are reversible on command
• Multi-Host Endpoint Reflector
- Integrated host-controller endpoint reflector via
CDC/NCM device class for automotive applications
• USB Bridging
- USB to I2C, SPI, UART, I2S, and GPIO
• PortSwap
- Configurable USB 2.0 differential pair signal swap
• PHYBoost
- Programmable USB transceiver drive strength for
recovering signal integrity
• VariSense
- Programmable USB receive sensitivity
• PortSplit
- USB 2.0 and USB 3.2 Gen 2 port operation can be
split for custom applications using embedded USB
3.x devices in parallel with USB 2.0 devices
• Compatible with Microsoft Windows 10, 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and low ther-
mal dissipation
• 100-pin VQFN package (12mm x 12mm)
4-Port USB 3.2 Gen 2 Type-C® Controller Hub


Similar Part No. - USB7252T/KDX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C-I/KDX MICROCHIP-USB7252C-I/KDX Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C/KDX MICROCHIP-USB7252C/KDX Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252CT-I/KDX MICROCHIP-USB7252CT-I/KDX Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252CT/KDX MICROCHIP-USB7252CT/KDX Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
More results

Similar Description - USB7252T/KDX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7016 MICROCHIP-USB7016 Datasheet
1Mb / 59P
6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
02/28/20
USB7216 MICROCHIP-USB7216 Datasheet
1Mb / 61P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252P MICROCHIP-USB7252P Datasheet
1Mb / 64P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
02/28/20
logo
Coolgear Inc.
CG-4PU3MGD COOLGEAR-CG-4PU3MGD Datasheet
460Kb / 9P
4 Port Managed USB 3.2 Gen 1 Hub w/15KV
CG-43AB1_V2.0-PROG COOLGEAR-CG-43AB1_V2.0-PROG Datasheet
334Kb / 2P
Coolgear Labs 7 Port USB 3.2 Gen 1 Hub 4 3 Type-A Ports
6/1/21
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com