Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C410B Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C410B
Description  Clock Generator for Intel PCI-Express Server Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410B Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C410B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PI6C410B
Clock Generator for Intel PCI-Express Server Chipset
13
PS8811A
02/01/06
AC Switching Characteristics (VDD = 3.3±5%, VDD_A= 3.3±5%)
Symbol
Outputs
Parameters
Min
Max.
Units
Notes
Trise / Tfall
CPU, SRC
Rise and Fall Time
(measured between 0.175V to 0.525V)
175
700
ps
3, 4
Trise / Tfall
PCI/PCIF, REF
Rise/Fall Edge Rate
(measured between 0.8V to 2.0V)
1.0
4.0
V/ns
6
Trise / Tfall
USB
Rise/Fall Edge Rate
(measured between 0.8V to 2.0V)
1.0
2.0
6
ΔTrise /
ΔTfall
CPU, SRC
Rise and Fall Time Variation
125
ps
3, 4
Tskew
CPU
CPU – CPU Skew
100
ps
3, 5
Tskew
SRC
SRC – SRC Skew
250
3, 5
Tskew
PCI/PCIF, REF
PCI – PCI Skew / REF - REF Skew (mea-
sured at 1.5V)
500
6
Tjitter
CPU
Cycle – Cycle Jitter
85
3, 5
Tjitter
SRC
Cycle – Cycle Jitter
125
3, 5
Tjitter
PCI/PCIF
Cycle – Cycle Jitter (measured at 1.5V)
500
6
Tjitter
USB
Cycle – Cycle Jitter (measured at 1.5V)
350
6
Tjitter
REF
Cycle – Cycle Jitter (measured at 1.5V)
1000
6
VHIGH
CPU, SRC
Voltage High including overshoot
660
1150
mV
3, 4
VLOW
CPU, SRC
Voltage Low including undershoot
-300
3, 4
VCROSS
CPU, SRC
Absolute crossing point voltages
250
550
3, 4
ΔVCROSS
CPU, SRC
Total Variation of Vcross over all edges
140
3, 4
TDC
CPU, SRC
Duty Cycle
45
55
%
3, 5
TDC
REF, USB,
PCI/PCIF
Duty Cycle (measured at 1.5V)
45
55
6
Tstable
All clock stabilization from power-up
<1.8
ms
Fig 2
Tdrive
Pwrdwn
Differential output enable after PwrDwn
de-assertion
300
μs
Fig 2
Trise / Tfall
Pwrdwn
PwrDwn rise and fall time
5.0
ns
Notes:
3. Test configuration is Rs = 33.2Ω, Rp = 49.9Ω, and 2pF.
4. Measurement taken from Single Ended waveform.
5. Measurement taken from Differential waveform.
6. Two Loads for PCI/PCIF and USB. Three loads for REF. RS=12Ω5%, Max 20" into 5pF load with 60Ω impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com