Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C410B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C410B
Description  Clock Generator for Intel PCI-Express Server Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C410B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PI6C410B
Clock Generator for Intel PCI-Express Server Chipset
2
PS8811A
02/01/06
Pin Descriptions
Pin Name
Type
Pin No
Descriptions
REF[0:1]
Output
54, 55
3.3V 14.31818 MHz outputs
XTAL_IN
Input
52
14.31818 MHz crystal input
XTAL_OUT
Output
51
14.31818 MHz crystal output
CPU[0:3] & CPU[0:3]#
Output
36, 37; 39, 40; 42,
43; 45, 46
Differential CPU outputs
SRC[0:4] & SRC[0:4]#
Output
16, 17; 18, 19; 21, 22;
23, 24; 26, 27
Differential Serial Reference Clock outputs
PCIF[0:2]
Output
9, 10, 11
33 MHz clocks outputs (free running)
PCI[0:3]
Output
3, 4, 5, 6
33 MHz clocks outputs
USB_48
Output
13
48 MHz clock output
FS_A
Input
48
3.3V LVTTL inputs for CPU frequency selection
FS_B / TEST_MODE
Input
49
3.3V LVTTL inputs for CPU frequency selection / Test Mode
select: 0 = Hi-Z, 1 = Ref/N
FS_C / TEST_SEL
Input
56
3.3V LVTTL inputs for CPU frequency selection / Test Mode
select if pulled to 3.3V when Vtt_Pwrgd# is asserted LOW
IREF
Input
33
External resistor connection for internal current reference
VTT_PWRGD# /
PWRDWN
Input
31
3.3V LVTTL Level sensitive strobe used to determine to latch the
FS_A, FS_B/TEST_MODE and FS_C/TEST_SEL inputs (active
low) / 3.3V LVTTL active high input for Power Down operation.
SDA
I/O
30
SMBus compatible SDATA
SCL
Input
29
SMBus compatible SCLOCK
VDD_PCI
Power
1, 8
3.3V Power Supply for Outputs
VDD_48
Power
12
3.3V Power Supply for Outputs
VDD_SRC
Power
15, 25, 28
3.3V Power Supply for Outputs
VDD_CPU
Power
38, 44, 47
3.3V Power Supply for Outputs
VDD_REF
Power
53
3.3V Power Supply for Outputs
VSS_PCI
Ground
2, 7
Ground for Outputs
VSS_48
Ground
14
Ground for Outputs
VSS_SRC
Ground
20
Ground for Outputs
VSS_CPU
Ground
41
Ground for Outputs
VSS_REF
Ground
50
Ground for Outputs
VDD_A
Power
35
3.3V Power Supply for PLL
VSS_A
Ground
34
Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com