Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST5X20 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FST5X20
Description  Fuse Kit Miniature Fuse FST 5x20 / SP 5x20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20 Datasheet(HTML) 1 Page - Schurter Inc.

  FST5X20 Datasheet HTML 1Page - Schurter Inc. FST5X20 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Accessories
Fuse Kit FST 5x20 / SP 5x20
https://www.schurter.com /PGZ02
Circuit Protection
Fuse Kit Miniature Fuse FST 5x20 / SP 5x20
Fuse Kit
coloured
See below:
Approvals and Compliances
Description
- Fuse Kit for quick sampling of customers and engineering design sup-
port
- More technical data and approvals see the specific datasheets
Unique Selling Proposition
- Suitable for pulse-shaped continuous currents
References
Fuse Kit to FST 5x20; SP 5x20
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Application Note Primary Protection in Equipmentwith further information on increased Pulse Strength and their test conditions according to inter-
national standards see Impulse Withstand Voltage
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - FST5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20 SCHURTER-FST5X20 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
More results

Similar Description - FST5X20

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0711580 PHOENIX-0711580 Datasheet
102Kb / 8P
Fuse terminal block - UKK 5-HESILED 60 (5X20)
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
Fuse modular terminal block - UKK5 HESILA 250(5X20)
3007204 PHOENIX-3007204 Datasheet
158Kb / 13P
Fuse modular terminal block - UKK 5-HESI (5X20)
3025040 PHOENIX-3025040 Datasheet
62Kb / 4P
Fuse modular terminal block - ZFK 6-DREHSI (5X20)
3036369 PHOENIX-3036369 Datasheet
85Kb / 6P
Fuse modular terminal block - ST 4-HESI (5X20)
3046032 PHOENIX-3046032 Datasheet
96Kb / 7P
Fuse modular terminal block - UT 4-HESI (5X20)
3211861 PHOENIX-3211861 Datasheet
89Kb / 6P
Fuse modular terminal block - PT 4-HESI (5X20)
3270200 PHOENIX-3270200 Datasheet
75Kb / 5P
Fuse modular terminal block - PTC 4-HESI (5X20)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
Fuse modular terminal block - QTC 2,5-HESI (5X20)
2726104 PHOENIX-2726104 Datasheet
55Kb / 3P
Fuse - SI 5X20 6,3 A T DIN 41662
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com