Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST5X20 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FST5X20
Description  Fuse Kit Miniature Fuse FST 5x20 / SP 5x20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20 Datasheet(HTML) 2 Page - Schurter Inc.

  FST5X20 Datasheet HTML 1Page - Schurter Inc. FST5X20 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Accessories
Fuse Kit FST 5x20 / SP 5x20
https://www.schurter.com /PGZ02
Circuit Protection
Fuse Kit FST 5x20 / SP 5x20
Type
Rated current
Rated Voltage [VAC]
Characteristic
Amount
Part Number
SP 5x20
800 mA
250
quick-acting
15 pieces
0001.1003
SP 5x20
1 A
250
quick-acting
15 pieces
0001.1004
SP 5x20
1.6 A
250
quick-acting
15 pieces
0001.1006
SP 5x20
2 A
250
quick-acting
15 pieces
0001.1007
SP 5x20
2.5 A
250
quick-acting
15 pieces
0001.1008
SP 5x20
3.15 A
250
quick-acting
15 pieces
0001.1009
SP 5x20
5 A
250
quick-acting
15 pieces
0001.1011
SP 5x20
6.3 A
250
quick-acting
15 pieces
0001.1012
SP 5x20
10 A
250
quick-acting
15 pieces
0001.1014
FST 5x20
500 mA
250
time-lag
15 pieces
0034.3114
FST 5x20
1 A
250
time-lag
15 pieces
0034.3117
FST 5x20
1.25 A
250
time-lag
15 pieces
0034.3118
FST 5x20
1.6 A
250
time-lag
15 pieces
0034.3119
FST 5x20
2 A
250
time-lag
15 pieces
0034.3120
FST 5x20
2.5 A
250
time-lag
15 pieces
0034.3121
FST 5x20
3.15 A
250
time-lag
15 pieces
0034.3122
FST 5x20
6.3 A
250
time-lag
15 pieces
0034.3125
FST 5x20
10 A
250
time-lag
15 pieces
0034.3127
Variants kit
Designation
Order Number
Fuse Kit SP/FST 5X20
0034.9858
█
Packaging Unit
1 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com