Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAPM3503 Datasheet(PDF) 3 Page - Schneider Electric

Part # XAPM3503
Description  Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 3 cut-outs, 횠22, 80 x 175 x 77 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XAPM3503 Datasheet(HTML) 3 Page - Schneider Electric

  XAPM3503 Datasheet HTML 1Page - Schneider Electric XAPM3503 Datasheet HTML 2Page - Schneider Electric XAPM3503 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product data sheet
Dimensions Drawings
XAPM3503
Dimensions and Fixing
(1)
1 hole, without blanking plug, for cable gland with 18 mm/0.71 in. maximum clamping capacity
(2)
1 hole, with blanking plug (protrusion 6 mm/0.23 in.), for cable gland with 118 mm/0.71 in. maximum clamping capacity
(3)
2 x Ø 5.6 mm/0.22 in. holes, depth 20 mm/0.78 in.
P
Usable depth
a
b
c
G
H
P
mm
in.
mm
in.
mm
in.
mm
in.
mm
in.
mm
in.
80
3.15
175
6.89
77
3.03
50
1.97
160
6.30
74.5
2.93
Refer to the product characteristics to get the number of cut-outs.
Cut-out interaxis dimensions
b1
Vertical interaxis: 40 mm/1.57 in.
Feb 10, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com